Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97672B Fiches technique(PDF) 11 Page - Renesas Technology Corp

No de pièce ISL97672B
Description  6-Channel LED Driver with Ultra Low Dimming Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672B Fiches technique(HTML) 11 Page - Renesas Technology Corp

Back Button ISL97672B Datasheet HTML 7Page - Renesas Technology Corp ISL97672B Datasheet HTML 8Page - Renesas Technology Corp ISL97672B Datasheet HTML 9Page - Renesas Technology Corp ISL97672B Datasheet HTML 10Page - Renesas Technology Corp ISL97672B Datasheet HTML 11Page - Renesas Technology Corp ISL97672B Datasheet HTML 12Page - Renesas Technology Corp ISL97672B Datasheet HTML 13Page - Renesas Technology Corp ISL97672B Datasheet HTML 14Page - Renesas Technology Corp ISL97672B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL97672B
FN7995 Rev.3.00
Page 11 of 17
Sep 7, 2017
If R1 and R2 are chosen such that the OVP level is set at 40V,
then VOUT is allowed to operate between 24V and 40V. If the VOUT
requirement is changed to an application of six LEDs of 21V, then
the OVP level must be reduced. Users should follow the
VOUT = (60% ~100%) OVP level requirement; otherwise, the
headroom control will be disturbed such that the channel voltage
can be much higher than expected. This can sometimes prevent
the driver from operating properly.
The resistances should be large, to minimize power loss. For
example, a 1MΩ RUPPER and a 30kΩ RLOWER sets OVP to 41.9V.
Large OVP resistors also allow COUT to discharge slowly during the
PWM Off time. Parallel capacitors should also be placed across
the OVP resistors such that RUPPER/RLOWER = CLOWER/CUPPER.
Using a CUPPER value of 30pF is recommended. These capacitors
reduce the AC impedance of the OVP node, which is important
when using high-value resistors. For example, if RUPPER/RLOWER
= 33/1, then CUPPER/CLOWER = 1/33 with CUPPER = 100pF and
CLOWER =3.3nF.
UNDERVOLTAGE LOCK-OUT
If the input voltage falls below the UVLO level, the device stops
switching and is reset. Operation restarts only when VIN returns
to the normal operating range.
INPUT OVERCURRENT PROTECTION
During a normal switching operation, the current through the
internal boost power FET is monitored. If the current exceeds the
current limit, the internal switch is turned off. Monitoring occurs
on a cycle-by-cycle basis in a self-protecting way.
Additionally, the ISL97672B monitors the voltage at the LX and
OVP pins. At start-up, the LX pins inject a fixed current into the
output capacitor. The device does not start unless the voltage at
LX exceeds 1.2V. The OVP pin is also monitored such that if it
rises above and subsequently falls below 20% of the target OVP
level, the input protection FET is also switched off.
OVER-TEMPERATURE PROTECTION (OTP)
The ISL97672B includes two over-temperature thresholds. The
lower threshold is set to +130°C. When this threshold is reached,
any channel that is outputting current at a level significantly below
the regulation target is treated as an “open circuit” and is disabled
after a time-out period. This time-out period is 800µs when it is
above the lower threshold. The lower threshold isolates and disables
bad channels before they cause enough power dissipation (as a
result of other channels having large voltages across them) to hit the
upper temperature threshold.
The upper threshold is set to +150°C. Each time this threshold is
reached, the boost stops switching, and the output current
sources switch off. Once the device has cooled to approximately
+100°C, the device restarts, with the DC LED current level
reduced to 75% of the initial setting. If dissipation persists,
subsequent hitting of the limit causes identical behavior, with the
current reduced in steps to 50% and finally 25%. Unless disabled
via the EN pin, the device stays in an active state throughout.
For complete details of fault protection conditions, see Figure 21
and Table 1.
FIGURE 21. SIMPLIFIED FAULT PROTECTIONS
Q5
VSC
CH5
VSET
PWM/OC0/SC0
REF
FET
DRIVER
LX
IMAX
ILIMIT
DRIVER
FAULT
OVP
VIN
T2
OTP
SHDN
Q0
CH0
VOUT
VSET
PWM/OC5/SC5
TEMP
SENSOR
LOGIC
LX
T1
OTP
THRM
O/P
SHORT
FAULT
DETECT
LOGIC
PWM
GENERATOR
FAULT FLAG
/FLAG


Numéro de pièce similaire - ISL97672B

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results

Description similaire - ISL97672B

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com