Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97644 Fiches technique(PDF) 15 Page - Renesas Technology Corp

No de pièce ISL97644
Description  Boost LDO VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97644 Fiches technique(HTML) 15 Page - Renesas Technology Corp

Back Button ISL97644 Datasheet HTML 7Page - Renesas Technology Corp ISL97644 Datasheet HTML 8Page - Renesas Technology Corp ISL97644 Datasheet HTML 9Page - Renesas Technology Corp ISL97644 Datasheet HTML 10Page - Renesas Technology Corp ISL97644 Datasheet HTML 11Page - Renesas Technology Corp ISL97644 Datasheet HTML 12Page - Renesas Technology Corp ISL97644 Datasheet HTML 13Page - Renesas Technology Corp ISL97644 Datasheet HTML 14Page - Renesas Technology Corp ISL97644 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
ISL97644
FN9228 Rev 1.00
Page 15 of 15
December 14, 2007
Package Outline Drawing
L24.4x4D
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 10/06
0 . 90 ± 0 . 1
5
C
0 . 2 REF
TYPICAL RECOMMENDED LAND PATTERN
0 . 05 MAX.
( 24X 0 . 6 )
DETAIL "X"
( 24X 0 . 25 )
0 . 00 MIN.
( 20X 0 . 5 )
(
2 . 50 )
SIDE VIEW
( 3 . 8 TYP )
BASE PLANE
4
TOP VIEW
BOTTOM VIEW
7
12
24X 0 . 4 ± 0 . 1
13
PIN 1
18
INDEX AREA
24
19
4.00
2.5
0.50
20X
4X
SEE DETAIL "X"
- 0 . 05
+ 0 . 07
24X 0 . 23
2 . 50 ± 0 . 15
PIN #1 CORNER
(C 0 . 25)
1
SEATING PLANE
0.08 C
0.10 C
C
0.10 M C A B
A
B
(4X)
0.15
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:


Numéro de pièce similaire - ISL97644

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644IRZ INTERSIL-ISL97644IRZ Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644IRZ INTERSIL-ISL97644IRZ Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644IRZ-T INTERSIL-ISL97644IRZ-T Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
More results

Description similaire - ISL97644

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com