Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAST1608WA2 Fiches technique(PDF) 7 Page - Everlight Electronics Co., Ltd

No de pièce EAST1608WA2
Description  Compatible with automatic placement equipment.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1608WA2 Fiches technique(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAST1608WA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAST1608WA2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LifecyclePhase:Developing()
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2015-06-04 19:16:39.0
DATASHEET
SMD  B
EAST1608WA2
7
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 04-Jun-2015 Issue No: DSE-0013375
Rev.1
www.everlightamericas.com
Package Dimension
1.6
Recommend soldering pad
Polarity
Cathode pad
0.70
0.35
0.35
1.60
1.6
0.4±0.1
1.13±0.1
0.73±0.1
1.53±0.1
Suggested pad dimension is just for reference only.
Please modify the pad dimension based on individual need.
Top
Side
Bottom
0.4±0.1
Note: Tolerances unless mentioned ±0.1mm. Unit = mm


Numéro de pièce similaire - EAST1608WA2

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAST1608WA1 EVERLIGHT-EAST1608WA1 Datasheet
338Kb / 12P
   Compatible with automatic placement equipment.
More results

Description similaire - EAST1608WA2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com