Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL95839 Fiches technique(PDF) 29 Page - Renesas Technology Corp

No de pièce ISL95839
Description  Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95839 Fiches technique(HTML) 29 Page - Renesas Technology Corp

Back Button ISL95839 Datasheet HTML 25Page - Renesas Technology Corp ISL95839 Datasheet HTML 26Page - Renesas Technology Corp ISL95839 Datasheet HTML 27Page - Renesas Technology Corp ISL95839 Datasheet HTML 28Page - Renesas Technology Corp ISL95839 Datasheet HTML 29Page - Renesas Technology Corp ISL95839 Datasheet HTML 30Page - Renesas Technology Corp ISL95839 Datasheet HTML 31Page - Renesas Technology Corp ISL95839 Datasheet HTML 32Page - Renesas Technology Corp ISL95839 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
0.01UF
97.6K
--------
649
3300PF
649
FSW = 400KHZ
-------------------------------------------------------------------
- L1,L4
CPU SIDE PULL-UP
2200PF
2K
ETQP4LR36AFC(PANASONIC)
BSC011N03LS-T(INFINEON)
0.36UH
- R42,R43
- Q2,Q16
- Q3,Q17
NCP18WM474J03RB-T(MURATA)
ERT-J1VR103J-T(PANASONIC)
BSC052N03LS-T(INFINEON)
COMPONENT
- C24,C25
-------------------------------------------------------------------
- C39,C52,C301,C302,C113,C117
2TPW470M4R(SANYO)
GRM21BR61C106KE15L(TDK)
GRM21BR61C226KE15L(TDK)
(KYOCERA,MURATA,TAIYO,SAMSUNG)
T520V277M2R5A(1_E4R5-6666(KEMET)
EEFLX0D471R4(PANASONIC)
(KYOCERA,MURATA,TAIYO,SAMSUNG)
MPCH1040LR36(NEC-TOKIN)
25SP56M(SANYO)
680P
--------
43
NTC
470K
27.4K
-------------------------------------------------------------------
- R20,R45
-------------------------------------------------------------------
----
OPTIONAL
383
3300PF
--------
----
----
OPTIONAL
-------------------------------------------------------------------
- C40,C41,C47,C48,C53,C54
C59-C68,C114,C115,C118-C127
-------------------------------------------------------------------
- C310-C319
----
680PF
27.4K
3.83K
133K
71.5K
R4 = 71.5K
VBOOT = 1.1V
2.1K
118
R2 = 28.7K
ICCMAX_GT = 24A
2K
2200PF
0.36UH
-------------------------------------------------------------------
PART NUMBER (MANUFACTURER)
133K
1000PF
56PF
118
2.1K
56PF
-------------------------------------------------------------------
-------------------------------------------------------------------
-------------------------------------------------------------------
-------------------------------------------------------------------
--------
3.83K
NTC
470K
CONTROLLER SIDE PULL-UP
97.6K
0.01UF
ICCMAX = 24A
1000PF
383
28.7K
PLACE NEAR L1
PLACE NEAR L4
0.22UF
VSUMNG
VIN
VTT
1.91K +3.3V
PGOOD
+5V
+3.3V
PGGODG
1.91K
CPUVCORE
10
CPUVCCSENSE
ISL95839HRTZ
+5V
VSUMN
VSUMP
ALERT#
SDA
1UF
VR_HOT#
SCLK
GTVCORE
1
GTVCORE
CPUVCORE
VSUMPG
0
+5V
0
0.22UF
CPUVSSSENSE
10
GTVCCSENSE
GTVSSSENSE
10
10
IMONG
IMON
R19
R183
OUT
OUT
IN
OUT
IN
IN
IN
IN
IN
OUT
IN
IN
IN
IN
IN
OUT
IN
IN
IN
IN
IN
IN
IN
IN
IN
C87
C8
R26
C30
C88
R2
R11
C6
C3
R7
R46
R10
R4
R112
R54
R49
U1
C130
R37
R202
R55
C11
R16
R31
R155
R24
C86
C99
L4
Q3
L1
R80
Q17
Q16
R56
Q2
R56
C30
R20
R17
R18
C81
R109
R30
R23
C93
R9
C51
R25
R1
R32
C14
EP
UGATE2
PHASE2
BOOT2
PHASE1
UGATE1
LGATE1
PWM3
VDD
VCCP
LGATE2
NTC
FB2
VR_HOT#
ALERT#
SDA
SCLK
NTCG
IMONG
ISUMPG
IMON
FIGURE 29. ISL95839 1+1 REFERENCE DESIGN


Numéro de pièce similaire - ISL95839

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95839HRTZ INTERSIL-ISL95839HRTZ Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
More results

Description similaire - ISL95839

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
logo
Renesas Technology Corp
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
logo
Intersil Corporation
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL95831C RENESAS-ISL95831C Datasheet
190Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12??CPUs
logo
Intersil Corporation
ISL95831IRTZ INTERSIL-ISL95831IRTZ Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95831 RENESAS-ISL95831 Datasheet
181Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12™ CPUs
December 22, 2011
logo
Intersil Corporation
ISL95835HRZ INTERSIL-ISL95835HRZ Datasheet
96Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com