Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL5120 Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce EL5120
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5120 Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button EL5120 Datasheet HTML 13Page - Renesas Technology Corp EL5120 Datasheet HTML 14Page - Renesas Technology Corp EL5120 Datasheet HTML 15Page - Renesas Technology Corp EL5120 Datasheet HTML 16Page - Renesas Technology Corp EL5120 Datasheet HTML 17Page - Renesas Technology Corp EL5120 Datasheet HTML 18Page - Renesas Technology Corp EL5120 Datasheet HTML 19Page - Renesas Technology Corp EL5120 Datasheet HTML 20Page - Renesas Technology Corp EL5120 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 19 of 21
October 15, 2015
QFN (Quad Flat No-Lead) Package Family
PIN #1
I.D. MARK
2
1
3
2X
0.075
TOP VIEW
NE
2
3
1
PIN #1 I.D.
b
L
BOTTOM VIEW
DETAIL X
PLANE
SEATING
N LEADS
C
SEE DETAIL "X"
A1
(L)
N LEADS
& EXPOSED PAD
0.10
SIDE VIEW
0.10
B
A
M C
C
B
A
E
2X
0.075 C
D
3
5
7
(E2)
(D2)
e
0.08 C
C
(c)
A
2
C
MDP0046
QFN (QUAD FLAT NO-LEAD) PACKAGE FAMILY
(COMPLIANT TO JEDEC MO-220)
SYMBOL
MILLIMETERS
TOLERANCE
NOTES
QFN44 QFN3
QFN32
A
0.90
0.90
0.90
0.90
±0.10
-
A1
0.02
0.02
0.02
0.02
+0.03/-0.02
-
b
0.25
0.25
0.23
0.22
±0.02
-
c
0.20
0.20
0.20
0.20
Reference
-
D
7.00
5.00
8.00
5.00
Basic
-
D2
5.10
3.80
5.80 3.60/2.48
Reference
8
E
7.00
7.00
8.00
6.00
Basic
-
E2
5.10
5.80
5.80 4.60/3.40
Reference
8
e
0.50
0.50
0.80
0.50
Basic
-
L
0.55
0.40
0.53
0.50
±0.05
-
N
44
38
32
32
Reference
4
ND
11
7
8
7
Reference
6
NE
11
12
8
9
Reference
5
SYMBOL
MILLIMETERS
TOLER-
ANCE
NOTES
QFN28 QFN2
QFN20
QFN16
A
0.90
0.90
0.90
0.90
0.90
±0.10
-
A1
0.02
0.02
0.02
0.02
0.02
+0.03/
-0.02
-
b
0.25
0.25
0.30
0.25
0.33
±0.02
-
c
0.20
0.20
0.20
0.20
0.20
Reference
-
D
4.00
4.00
5.00
4.00
4.00
Basic
-
D2
2.65
2.80
3.70
2.70
2.40
Reference
-
E
5.00
5.00
5.00
4.00
4.00
Basic
-
E2
3.65
3.80
3.70
2.70
2.40
Reference
-
e
0.50
0.50
0.65
0.50
0.65
Basic
-
L
0.40
0.40
0.40
0.40
0.60
±0.05
-
N
28
24
20
20
16
Reference
4
ND
6
5
5
5
4
Reference
6
NE
8
7
5
5
4
Reference
5
Rev 11 2/07
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Tiebar view shown is a non-functional feature.
3. Bottom-side pin #1 I.D. is a diepad chamfer as shown.
4. N is the total number of terminals on the device.
5. NE is the number of terminals on the “E” side of the package
(or Y-direction).
6. ND is the number of terminals on the “D” side of the package
(or X-direction). ND = (N/2)-NE.
7. Inward end of terminal may be square or circular in shape with radius
(b/2) as shown.
8. If two values are listed, multiple exposed pad options are available.
Refer to device-specific datasheet.


Numéro de pièce similaire - EL5120

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5120 INTERSIL-EL5120 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120IWT-T7A INTERSIL-EL5120IWT-T7A Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Description similaire - EL5120

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com