Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28022FRZ Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce ISL28022FRZ
Description  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28022FRZ Fiches technique(HTML) 1 Page - Renesas Technology Corp

  ISL28022FRZ Datasheet HTML 1Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 2Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 3Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 4Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 5Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 6Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 7Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 8Page - Renesas Technology Corp ISL28022FRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FN8386 Rev 8.00
Page 1 of 32
February 4, 2016
FN8386
Rev 8.00
February 4, 2016
ISL28022
Precision Digital Power Monitor
DATASHEET
The ISL28022 is a bidirectional high-side and low-side digital
current sense and voltage monitor with serial interface. The
device monitors current and voltage and provides the results
digitally along with calculated power. The ISL28022 provides
tight accuracy of less than 0.3% for both voltage and current
monitoring over the entire input range. The digital power
monitor has configurable fault thresholds and measurable
ADC gain ranges.
The ISL28022 handles common-mode input voltage ranging
from 0V to 60V. The wide range permits the device to handle
telecom, automotive and industrial applications with minimal
external circuitry. Both high- and low-side ground sensing
applications are easily handled with the flexible architecture.
The ISL28022 consumes an average current of just 700µA and is
available in a 10 Ld MSOP package. The ISL28022 is also offered
in a space saving 16 Ld QFN package. The part operates across
the extended temperature range from -40°C to +125°C.
Related Literature
• AN1955, “Design Ideas for Intersil Digital Power Monitors”
• AN1875, “ISL28022 Digital Power Monitor Evaluation Kit
(ISL28022EVKIT1Z)
• AN1811, “ISL28022 Digital Power Monitor 8 Site Evaluation
Kit”
Features
• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
•16-bit ∑∆ADC monitors current and voltage
• Voltage measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Current measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Handles negative system voltage
• Overvoltage/undervoltage and current fault monitoring
•I2C/SMBus interface
•Wide VCC range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
• ESD (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV
• Supports high speed I2C . . . . . . . . . . . . . . . . . . . . . . . 3.4MHz
Applications
•Routers and servers
• DC/DC, AC/DC converters
• Battery management/charging
• Automotive power
•Power distribution
• Medical and test equipment
FIGURE 1. TYPICAL APPLICATION
A1
SMBCLK/SCL
SMBDAT/SDA
VINP
VINM
GND
RSH
ADC
16-BIT
SW
MUX
TO µC
VOLTAGE
REGULATOR
VOUT
EN
ECLK/INT
VIN = 0V TO 60V
REG
MAP
VCC
VBUS
A0
VCC
I
2C
SMBUS


Numéro de pièce similaire - ISL28022FRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022FRZ-T7AR5453 INTERSIL-ISL28022FRZ-T7AR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FRZ-TR5453 INTERSIL-ISL28022FRZ-TR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FRZR5453 INTERSIL-ISL28022FRZR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results

Description similaire - ISL28022FRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com