Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA13473 Fiches technique(PDF) 4 Page - Ledil, Inc.

No de pièce CA13473
Description  Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13473 Fiches technique(HTML) 4 Page - Ledil, Inc.

  CA13473 Datasheet HTML 1Page - Ledil, Inc. CA13473 Datasheet HTML 2Page - Ledil, Inc. CA13473 Datasheet HTML 3Page - Ledil, Inc. CA13473 Datasheet HTML 4Page - Ledil, Inc. CA13473 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRODUCT
DATASHEET
CA13473_STRADA-B2
PHOTOMETRIC DATA (SIMULATED):
LED
XP-G2
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
0.770 cd/lm
Required components:
LED
OSCONIQ P 3737 (3W version)
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
0.720 cd/lm
Required components:
Last update: 29/05/2018
Subject to change without prior notice
4/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Numéro de pièce similaire - CA13473

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA13474 LEDIL-CA13474 Datasheet
1Mb / 5P
   Symmetric IESNA Type I (medium) beam for narrow roads and paths with long pole distance and tilted armature. Optimized for CREE XT-E. Assembly with installation tape.
CA13477 LEDIL-CA13477 Datasheet
1Mb / 5P
   Forward throw beam for area lighting. Assembly with installation tape.
More results

Description similaire - CA13473

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA14843 LEDIL-CA14843 Datasheet
1Mb / 4P
   Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
CA13493 LEDIL-CA13493 Datasheet
1Mb / 5P
   Beam for area lighting with shorter illumination distances. Optimized for CREE XT-E and XP-G2. Assembly with installation tape.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
C13235 LEDIL-C13235 Datasheet
4Mb / 9P
   ~35째 wide beam optimized for CREE XT-E
C13297 LEDIL-C13297 Datasheet
4Mb / 9P
   40째 20째 oval beam optimized for CREE XT-E
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com