Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6568IRZA Fiches technique(PDF) 24 Page - Renesas Technology Corp

No de pièce ISL6568IRZA
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6568IRZA Fiches technique(HTML) 24 Page - Renesas Technology Corp

Back Button ISL6568IRZA Datasheet HTML 20Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 21Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 22Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 23Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 24Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 25Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 26Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 27Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ISL6568
FN9187 Rev 5.00
Page 24 of 30
Jan 12, 2012
Since the system poles and zero are affected by the values of
the components that are meant to compensate them, the
solution to the system equation becomes fairly complicated.
Fortunately, there is a simple approximation that comes very
close to an optimal solution. Treating the system as though it
were a voltage-mode regulator, by compensating the L-C poles
and the ESR zero of the voltage mode approximation, yields a
solution that is always stable with very close to ideal transient
performance.
Select a target bandwidth for the compensated system, f0. The
target bandwidth must be large enough to assure adequate
transient performance, but smaller than 1/3 of the per-
channel switching frequency. The values of the compensation
components depend on the relationships of f0 to the L-C pole
frequency and the ESR zero frequency. For each of the
following three, there is a separate set of equations for the
compensation components.
In Equation 29, L is the per-channel filter inductance divided by
the number of active channels; C is the sum total of all output
capacitors; ESR is the equivalent series resistance of the bulk
output filter capacitance; and VP-P is the peak-to-peak
sawtooth signal amplitude as described in the “Electrical
Specifications” on page 6.
Once selected, the compensation values in Equations 29
assure a stable converter with reasonable transient
performance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from
Equations 29 unless some performance issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (See Figure 20). Keep a
position available for C2, and be prepared to install a
high-frequency capacitor of between 22pF and 150pF in case
any leading edge jitter problem is noted.
Output Filter Design
The output inductors and the output capacitor bank together to
form a low-pass filter responsible for smoothing the pulsating
voltage at the phase nodes. The output filter also must provide
the transient energy until the regulator can respond. Because
it has a low bandwidth compared to the switching frequency,
the output filter limits the system transient response. The
output capacitors must supply or sink load current while the
current in the output inductors increases or decreases to meet
the demand.
In high-speed converters, the output capacitor bank is usually
the most costly (and often the largest) part of the circuit. Output
filter design begins with minimizing the cost of this part of the
circuit. The critical load parameters in choosing the output
capacitors are the maximum size of the load step,
I, the
load-current slew rate, di/dt, and the maximum allowable
output-voltage deviation under transient loading,
VMAX.
Capacitors are characterized according to their capacitance,
ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the output capacitors
supply all of the transient current. The output voltage will
initially deviate by an amount approximated by the voltage
drop across the ESL. As the load current increases, the voltage
drop across the ESR increases linearly until the load current
reaches its final value. The capacitors selected must have
sufficiently low ESL and ESR so that the total output-voltage
deviation is less than the allowable maximum. Neglecting the
contribution of inductor current and regulator response, the
output voltage initially deviates by an amount as shown by
Equation 30.
The filter capacitor must have sufficiently low ESL and ESR so
that
V < VMAX.
Most capacitor solutions rely on a mixture of high frequency
capacitors with relatively low capacitance in combination with
FIGURE 20. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6568 CIRCUIT
ISL6568
COMP
CC
RC
RFB
FB
VDIFF
C2 (OPTIONAL)
1
2
 LC
------------------- f0
>
RC
RFB
2
f
0Vpp LC
0.66VIN
------------------------------------
=
CC
0.66VIN
2
V
PPRFBf0
------------------------------------
=
Case 1:
1
2
 LC
------------------- f0
1
2
C ESR

------------------------------
<
RC
RFB
VPP 2
2 f
0
2 LC
0.66 VIN
--------------------------------------------
=
CC
0.66VIN
2
2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 29)
f0
1
2
C ESR

------------------------------
>
RC
RFB
2
 f
0VppL
0.66 VIN ESR

------------------------------------------
=
CC
0.66VIN ESR
 C
2
V
PPRFBf0 L
-------------------------------------------------
=
Case 3:
V
ESL
 di
dt
-----
ESR
 I
+
(EQ. 30)


Numéro de pièce similaire - ISL6568IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6568IRZA INTERSIL-ISL6568IRZA Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA INTERSIL-ISL6568IRZA Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA-T INTERSIL-ISL6568IRZA-T Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA-T INTERSIL-ISL6568IRZA-T Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Description similaire - ISL6568IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com