Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6568IRZA Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce ISL6568IRZA
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6568IRZA Fiches technique(HTML) 1 Page - Renesas Technology Corp

  ISL6568IRZA Datasheet HTML 1Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 2Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 3Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 4Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 5Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 6Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 7Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 8Page - Renesas Technology Corp ISL6568IRZA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FN9187 Rev 5.00
Page 1 of 30
Jan 12, 2012
FN9187
Rev 5.00
Jan 12, 2012
ISL6568
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9,
VRM10, and AMD Hammer Applications
DATASHEET
The ISL6568 two-phase PWM control IC provides a precision
voltage regulation system for advanced microprocessors. The
integration of power MOSFET drivers into the controller IC
marks a departure from the separate PWM controller and
driver configuration of previous multi-phase product families.
By reducing the number of external parts, this integration is
optimized for a cost and space saving power management
solution.
Outstanding features of this controller IC include
programmable VID codes compatible with Intel VRM9,VRM10,
as well as AMD Hammer microprocessors. A unity gain,
differential amplifier is provided for remote voltage sensing,
compensating for any potential difference between remote
and local grounds. The output voltage can also be positively or
negatively offset through the use of a single external resistor.
A unique feature of the ISL6568 is the combined use of both
DCR and rDS(ON) current sensing. Load line voltage positioning
(droop) and overcurrent protection are accomplished through
continuous inductor DCR current sensing, while rDS(ON) current
sensing is used for accurate channel-current balance. Using
both methods of current sampling utilizes the best advantages
of each technique.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Overvoltage results in the converter turning the
lower MOSFETs ON to clamp the rising output voltage and
protect the microprocessor. The overcurrent protection level is
set through a single external resistor. Furthermore, the
ISL6568 includes protection against an open circuit on the
remote sensing inputs. Combined, these features provide
advanced protection for the microprocessor and power system.
Features
• Integrated Multi-Phase Power Conversion
- 1 or 2-Phase Operation
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
- Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
- Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
-Up to a 6-Bit DAC
- Selectable between Intel’s VRM9, VRM10, or AMD
Hammer DAC codes
- Dynamic VID-on-the-fly Technology
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free (RoHS Compliant)


Numéro de pièce similaire - ISL6568IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6568IRZA INTERSIL-ISL6568IRZA Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA INTERSIL-ISL6568IRZA Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA-T INTERSIL-ISL6568IRZA-T Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568IRZA-T INTERSIL-ISL6568IRZA-T Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Description similaire - ISL6568IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com