Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6566ACR Fiches technique(PDF) 15 Page - Renesas Technology Corp

No de pièce ISL6566ACR
Description  Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566ACR Fiches technique(HTML) 15 Page - Renesas Technology Corp

Back Button ISL6566ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ISL6566A
FN9200 Rev 2.00
Page 15 of 29
Jul 27, 2005
Once the desired output offset voltage has been determined,
use the following formulas to set ROFS:
For Positive Offset (connect ROFS to GND):
For Negative Offset (connect ROFS to VCC):
Dynamic VID
Modern microprocessors need to make changes to their core
voltage as part of normal operation. They direct the core-
voltage regulator to do this by making changes to the VID
inputs. The core-voltage regulator is required to monitor the
DAC inputs and respond to on-the-fly VID changes in a
controlled manner, supervising a safe output voltage transition
without discontinuity or disruption.
The DAC mode the ISL6566A is operating in determines
how the controller responds to a dynamic VID change. When
in VRM10 mode the ISL6566A checks the VID inputs six
times every switching cycle. If a new code is established and
it stays the same for 3 consecutive readings, the ISL6566A
recognizes the change and increments the reference.
Specific to VRM10, the processor controls the VID
transitions and is responsible for incrementing or
decrementing one VID step at a time. In VRM10 setting, the
ISL6566A will immediately change the reference to the new
requested value as soon as the request is validated; in
cases where the reference step is too large, the sudden
change can trigger overcurrent or overvoltage events.
In order to ensure the smooth transition of output voltage
during a VRM10 VID change, a VID step change smoothing
network is required for an ISL6566A based voltage regulator.
This network is composed of a 1k
 internal resistor between
the output of DAC and the capacitor CREF, between the REF
pin and ground. The selection of CREF is based on the time
duration for 1 bit VID change and the allowable delay time.
Assuming the microprocessor controls the VID change at 1
bit every TVID, the relationship between CREF and TVID is
given by Equation 10.
As an example, for a VID step change rate of 5
s per bit, the
value of CREF is 22nF based on Equation 10.
When running in VRM9 or AMD Hammer operation, the
ISL6566A responds slightly different to a dynamic VID change
than when in VRM10 mode. In these modes the VID code can
be changed by more than a 1-bit step at a time. Once the
controller receives the new VID code it waits half of a phase
cycle and then begins slewing the DAC 12.5mV every phase
cycle, until the VID and DAC are equal. Thus, the total time
required for a VID change, tDVID, is dependent on the switching
frequency (fS), the size of the change (VVID), and the time
required to register the VID change. The one-cycle addition in
the tDVID equation is due to the possibility that the VID code
change may occur up to one full switching cycle before being
recognized. The approximate time required for a ISL6566A-
based converter in AMD Hammer configuration running at fS =
335kHz to make a 1.1V to 1.5V reference voltage change is
about 100
s, as calculated using the following equation.
Advanced Adaptive Zero Shoot-Through Deadtime
Control (Patent Pending)
The integrated drivers incorporate a unique adaptive deadtime
control technique to minimize deadtime, resulting in high
efficiency from the reduced freewheeling time of the lower
MOSFET body-diode conduction, and to prevent the upper and
lower MOSFETs from conducting simultaneously. This is
accomplished by ensuring either rising gate turns on its
MOSFET with minimum and sufficient delay after the other has
turned off.
During turn-off of the lower MOSFET, the PHASE voltage is
monitored until it reaches a -0.3V/+0.8V trip point for a
forward/reverse current, at which time the UGATE is released
to rise. An auto-zero comparator is used to correct the rDS(ON)
drop in the phase voltage preventing false detection of the
-0.3V phase level during rDS(ON conduction period. In the case
of zero current, the UGATE is released after 35ns delay of the
LGATE dropping below 0.5V. During the phase detection, the
disturbance of LGATE falling transition on the PHASE node is
blanked out to prevent falsely tripping. Once the PHASE is
high, the advanced adaptive shoot-through circuitry monitors
E/A
FB
OFS
VCC
GND
+
-
+
-
0.5V
1.5V
VCC
ROFS
RFB
VDIFF
ISL6566A
FIGURE 9. NEGATIVE OFFSET OUTPUT VOLTAGE
PROGRAMMING
VREF
VOFS
+
-
IOFS
(EQ. 8)
ROFS
0.5 RFB
VOFFSET
--------------------------
=
(EQ. 9)
ROFS
1.5 RFB
VOFFSET
--------------------------
=
CREF
0.004X TVID
=
(EQ. 10)
(EQ. 11)
tDVID
1
fS
-----
VVID
0.0125
------------------ 1.5
+


=


Numéro de pièce similaire - ISL6566ACR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6566ACR INTERSIL-ISL6566ACR Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACR-T INTERSIL-ISL6566ACR-T Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACRZ INTERSIL-ISL6566ACRZ Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACRZ-T INTERSIL-ISL6566ACRZ-T Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566ACRZA INTERSIL-ISL6566ACRZA Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results

Description similaire - ISL6566ACR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6566A INTERSIL-ISL6566A Datasheet
784Kb / 28P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com