Moteur de recherche de fiches techniques de composants électroniques |
|
1N4007G Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
1N4007G Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts 1N4001G THRU 1N4007G CURRENT 1.0 Ampere FEATURES DO-41 • Glass passivated chip junction • Low forward voltage • Low reverse leakage • High forward surge current capacity • High temperature soldering guaranteed: 260 /10 seconds, 0.375” (9.5mm) lead length MECHANICAL DATA • Case: transfer molded plastic • Epoxy: UL94V – 0 rate flame retardant • Polarity: Color band denotes cathode end • Lead: Plated axial lead, solderable per MIL-STD-202E method 208C • Mounting position: any • Weight: 0.012 ounce, 0.33 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS • Ratings at 25OC ambient temperature unless otherwise specified • Single Phase, half wave, 60Hz, resistive or inductive load • For capacitive load derate current by 20% SYMBOLS 1N 4001G 1N 4002G 1N 4003G 1N 4004G 1N 4005G 1N 4006G 1N 4007G UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Current, 0.375” (9.5mm) lead length at TA = 75OC I(AV) 1.0 Amps Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) IFSM 30 Amps Maximum Instantaneous Forward Voltage @ 1.0A VF 1.1 Volts 5.0 Maximum DC Reverse Current at Rated TA = 25 OC DC Blocking Voltage per element TA = 125 OC IR 50 µA Maximum Full Load Reverse Current, full cycle Average 0.375” (9.5mm) lead length at TL = 75 OC IR(AV) 30 µA Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) CJ 15 pF Typical Thermal Resistance (Note 1) RθJA 50 OC/W Operating Junction Temperature Range TJ (-65 to +175) OC Storage Temperature Range TSTG (-65 to +175) OC Notes: 1. Thermal resistance from junction to ambient with 0.375” (9.5mm) lead length, PCB mounted with 0.2” x 0.2” (5.0mm x 5.0mm) copper pads Sep-03, Rev A Micro Electronic Instrument Inc. |
Numéro de pièce similaire - 1N4007G |
|
Description similaire - 1N4007G |