Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS100M050ST Fiches technique(PDF) 2 Page - Cornell Dubilier Electronics

No de pièce SS100M050ST
Description  Radial Leaded, General Purpose Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SS100M050ST Fiches technique(HTML) 2 Page - Cornell Dubilier Electronics

  SS100M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SS100M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SS100M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SS100M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SS 85 ºC Sub-Miniature Aluminum Electrolytic Capacitors
Part Numbering System
SS
100
M
63
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SS
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
063 = 63 E = Different Characteristic
2 = Lead form
101 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
22
SS220M6R3ST
14.48
34
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
33
SS330M6R3ST
9.65
42
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M6R3ST
6.78
50
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
100
SS101M6R3ST
3.18
77
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
10 Vdc (13 Volts Surge)
22
SS220M010ST
12.06
38
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
33
SS330M010ST
8.04
47
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M010ST
5.65
59
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
100
SS101M010ST
2.65
80
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
16 Vdc (20 Volts Surge)
10
SS100M016ST
22.56
29
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
22
SS220M016ST
10.25
44
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
33
SS330M016ST
6.84
57
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M016ST
4.80
68
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
25 Vdc (32 Volts Surge)
4.7
SS4R7M025ST
42.35
24
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
10
SS100M025ST
19.9
33
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
22
SS220M025ST
9.05
51
.236 (6.0) .276 (7.0)
.098 (2.5)
.0197 (0.50)
33
SS330M025ST
6.03
63
.236 (6.0) .276 (7.0)
.098 (2.5)
.0197 (0.50)
47
SS470M025ST
4.23
71
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)


Numéro de pièce similaire - SS100M050ST

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
SS100M050ST CDE-SS100M050ST Datasheet
405Kb / 3P
   85 쨘C Sub-Miniature Aluminum Electrolytic Capacitors
More results

Description similaire - SS100M050ST

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com