Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5038RF Fiches technique(PDF) 1 Page - SamHop Microelectronics Corp.

No de pièce SM5038RF
Description  RF DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5038RF Fiches technique(HTML) 1 Page - SamHop Microelectronics Corp.

  SM5038RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
SM5038RF is a remote control decoder paired
with SM5028RF utilizing CMOS Technology. It
has 12-bit 2-state address pins providing a 2 12
address codes; thereby, drastically reducing
any code collision and unauthorized code
scanning possibilities. SM5038RF is available in
several options to suit every application needs :
variable number of data output pins, latch or
momentary output type.
FEATURES
CMOS Technology
Low Power Consumption
Very High Noise Immunity
Up to 12 2-State Code Address Pins
Wide Range of Operating Voltage:
Vcc = 3 ~ 12 Volts
Single Resistor Oscillator
Available in DIP and SOP Package
APPLICATIONS
Car Security
Garage Door
Home Security/Automation System
Toys
Remote Control for Industrial Use
Page 1
*
*
*
*
*
*
*
*
*
*
*
*
V1.0
PIN CONFIGURATION ( DIP )
Vcc
VT
OSC1
OSC2
DIN
A11/D0
A10/D1
A9/D2
A8/D3
SM5038RF
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
A0
A1
A2
A3
A4
A5
A6
A7
Vss
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
A11/D0
A10/D1
A9/D2
A8/D3
SM5038S
SM5038RF
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5038RF

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
   Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
More results

Description similaire - SM5038RF

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
SamHop Microelectronics...
SM5272B SAMHOP-SM5272B Datasheet
52Kb / 12P
   3 RF DECODER
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com