Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CRE1 Fiches technique(PDF) 6 Page - Murata Power Solutions Inc.

No de pièce CRE1
Description  Isolated 1W Single Output Isolated DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1 Fiches technique(HTML) 6 Page - Murata Power Solutions Inc.

Back Button CRE1 Datasheet HTML 2Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 3Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 4Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 5Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 6 of 14
www.murata-ps.com/support
APPLICATION NOTES
Minimum load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2µs and output capacitance of 10µF, are shown in the table below. The product
series will start into a capacitance of 47µF with an increased start time, however, the maximum recommended output capacitance is 10µF.
Typical Start-Up Wave Form
Start-up time
µs
CRE1S0505DC
190
CRE1S0505SC
190
CRE1S0515SC
1790
CRE1S1205SC
125
CRE1S1212SC
500
CRE1S2405SC
135
CRE1S2412SC
430
CRE1S0305S3C
295
CRE1S0505S3C
165
CRE1S0505MC
1368
CRE1S0505MEC
170


Numéro de pièce similaire - CRE1

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
431Kb / 17P
   Isolated 1W Single Output Isolated DC-DC Converters
2020
logo
MERITEK ELECTRONICS COR...
CRE10102M103J88 MERITEK-CRE10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
Okaya Electric America,...
CRE10201 OKAYA-CRE10201 Datasheet
86Kb / 1P
   SPARK QUENCHER
logo
C&K Components
CRE10C-OT-AR CK-COMPONENTS-CRE10C-OT-AR Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRE10C-OT-CR CK-COMPONENTS-CRE10C-OT-CR Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
More results

Description similaire - CRE1

FabricantNo de pièceFiches techniqueDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com