Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78200 Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce ISL78200
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78200 Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button ISL78200 Datasheet HTML 4Page - Renesas Technology Corp ISL78200 Datasheet HTML 5Page - Renesas Technology Corp ISL78200 Datasheet HTML 6Page - Renesas Technology Corp ISL78200 Datasheet HTML 7Page - Renesas Technology Corp ISL78200 Datasheet HTML 8Page - Renesas Technology Corp ISL78200 Datasheet HTML 9Page - Renesas Technology Corp ISL78200 Datasheet HTML 10Page - Renesas Technology Corp ISL78200 Datasheet HTML 11Page - Renesas Technology Corp ISL78200 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL78200
FN7641 Rev 2.00
Page 8 of 22
December 24, 2013
Minimum Output Voltage
0.5
V
Slew Rate
SR
CLOAD = 50pF
5
V/µs
PFM MODE CONTROL
Default PFM Current Threshold
MODE = VCC or floating
700
mA
INTERNAL HIGH-SIDE MOSFET
Upper MOSFET rDS(ON)
rDS(ON)_UP
(Note 7)
90
150
LOW-SIDE MOSFET GATE DRIVER
LGATE Source Resistance
100mA Source Current
3.5
Ω
LGATE Sink Resistance
100mA Sink Current
3.3
Ω
BOOST CONVERTER CONTROL
EXT_BOOST Boost_Turn-Off Threshold Voltage
0.74
0.8
0.86
V
EXT_BOOST Hysteresis Sink Current
IAUXVCC_HYS
2.4
3.2
3.8
µA
AUXVCC Boost Turn-Off Threshold Voltage
0.74
0.8
0.86
V
AUXVCC Hysteresis Sink Current
IAUXVCC_HYS
2.4
3.2
3.8
µA
POWER GOOD MONITOR
Overvoltage Rising Trip Point
VFB/VREF
Percentage of Reference Point
104
110
116
%
Overvoltage Rising Hysteresis
VFB/VOVTRIP
Percentage Below OV Trip Point
3
%
Undervoltage Falling Trip Point
VFB/VREF
Percentage of Reference Point
84
90
96
%
Undervoltage Falling Hysteresis
VFB/VUVTRIP
Percentage Above UV Trip Point
3
%
PGOOD Rising Delay
tPGOOD_DELAY
fOSC = 500kHz
2
ms
PGOOD Leakage Current
PGOOD HIGH, VPGOOD = 4.5V
10
nA
PGOOD Low Voltage
VPGOOD
PGOOD LOW, IPGOOD = 0.2mA
0.10
V
PROTECTION
Default Cycle by Cycle Current Limit Threshold
IOC_1
ILIMIT = GND or VCC or Floating
3
3.6
4.2
A
Hiccup Current Limit Threshold
IOC_2
Hiccup, IOC_2/IOC_1
115
%
OVERVOLTAGE PROTECTION
OV Latching-off Trip Point
Percentage of Reference Point
LG = UG = LATCH LOW
120
%
OV Non-Latching-off Trip Point
Percentage of Reference Point
LG = UG = LOW
110
%
OV Non-Latching-off Release Point
Percentage of Reference Point
102.5
%
OVER-TEMPERATURE PROTECTION
Over-Temperature Trip Point
155
°C
Over-Temperature Recovery Threshold
140
°C
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Wire bonds not included. The wire bond resistance between VIN and PHASE pin is 32mΩ typical.
Electrical Specifications Refer to the Block Diagram (page 4) and Typical Application Schematics (page 5). Operating conditions
unless otherwise noted: VIN = 12V, or VCC = 4.5V, TA = -40°C to +105°C. Typicals are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS


Numéro de pièce similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200EVAL1Z INTERSIL-ISL78200EVAL1Z Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
More results

Description similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com