Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS640GBD9WSI Fiches technique(PDF) 3 Page - SPANSION

No de pièce AM29BDS640GBD9WSI
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640GBD9WSI Fiches technique(HTML) 3 Page - SPANSION

  AM29BDS640GBD9WSI Datasheet HTML 1Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 2Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 3Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 4Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 5Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 6Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 7Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 8Page - SPANSION AM29BDS640GBD9WSI Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
Publication Number 25903
Revision C Amendment 1 Issue Date October 1, 2003
PRELIMINARY
Am29BDS640G
64 Megabit (4 M x 16-Bit), 1.8 Volt-only
Simultaneous Read/Write, Burst Mode Flash Memory
Data Sheet
Distinctive Characteristics
Architectural Advantages
Single 1.8 volt read, program and erase (1.65 to
1.95 volt)
Manufactured on 0.17 µm process technology
Enhanced VersatileIO™ (VIO) Feature
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the VIO pin
— 1.8V and 3V compatible I/O signals
Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture: 16Mb/16Mb/16Mb/16Mb
Programmable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with wrap-around
— Continuous Sequential Burst
Sector Architecture
— Eight 8 Kword sectors and one hundred twenty-six
32 Kword sectors
— Banks A and D each contain four 8 Kword sectors and
thirty-one 32 Kword sectors; Banks B and C each
contain thirty-two 32 Kword sectors
— Eight 8 Kword boot sectors, four at the top of the
address range, and four at the bottom of the address
range
Minimum 1 million erase cycle guarantee per
sector
20-year data retention at 125°C
— Reliable operation for the life of the system
80-ball FBGA package
PERFORMANCE CHARCTERISTICS
Read access times at 54/40 MHz (at 30 pF)
— Burst access times of 13.5/20 ns
— Asynchronous random access times of 70 ns
— Initial Synchronous access times as fast as 87.5/95 ns
Power dissipation (typical values, CL = 30 pF)
—Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
Hardware Features
Sector Protection
— Software command sector locking
Handshaking feature available
— Provides host system with minimum possible latency
by monitoring RDY
Hardware reset input (RESET#)
— Hardware method to reset the device for reading
array data
WP# input
— Write protect (WP#) function protects sectors 0 and 1
(bottom boot), or sectors 132 and 133 (top boot),
regardless of sector protect status
ACC input: Acceleration function reduces
programming time; all sectors locked when ACC =
VIL
CMOS compatible inputs, CMOS compatible outputs
Low VCC write inhibit
Software Features
Supports Common Flash Memory Interface (CFI)
Software command set compatible with JEDEC
42.4 standards
— Backwards compatible with Am29F and Am29LV
families
Data# Polling and toggle bits
— Provides a software method of detecting program
and erase operation completion
Erase Suspend/Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences


Numéro de pièce similaire - AM29BDS640GBD9WSI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDS640GBD9WSI AMD-AM29BDS640GBD9WSI Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Description similaire - AM29BDS640GBD9WSI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com