Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAVI-23VH Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce LAVI-23VH
Description  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LAVI-23VH Fiches technique(HTML) 1 Page - Mini-Circuits

  LAVI-23VH Datasheet HTML 1Page - Mini-Circuits LAVI-23VH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 20 (LO Power +20 dBm) 1200 to 2000 MHz
Frequency Mixer
High IP3
Demo Board MCL P/N: TB-433+
Suggested PCB Layout (PL-012)
Maximum Ratings
Pin Connections
LO
10
RF
2
IF
14
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
Electrical Specifications (T
AMB=25ºC)
REV. A
M151107
LAVI-23VH+
ED-12973/1
WL/QL
150813
Typical Performance Data
Operating Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
LO Power
+23 dBm
RF Power
+20 dBm
Features
• excellent IP2, 60 dBm typ.
• very high IP3, 30 dBm typ.
• excellent L-R isolation, 58 dB typ;
and L-I isolation, 40 dB typ.
• high 1 dB compression, 20 dBm typ.
• shielded metal cover
• aqueous washable
• protected by US Patent 6,807,407
Applications
• cellular/PCS base stations
• ISM applications
• wideband communications
• defense communications
LAVI-23VH+
Frequency
(MHz)
Conv.
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
IP3
(dBm)
IP2
(dBm)
IF
Freq.
(MHz)
VSWR
IF
(:1)
RF
LO
LO
+20dBm
LO
+20dBm
LO
+20dBm
LO
+20dBm
LO
+20dBm
LO
+20dBm
LO
+20dBm
LO
+20dBm
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
RF in
at 1dB
Compr.
(dBm)
IP3
(dBm)
IP2
(dBm)
LO-RF
ISOLATION
(dB)
LO-IF
ISOLATION
(dB)
RF
LO
IF
Typ.
σ
Max.
Typ.
Typ.
Typ.
Typ. Min.
Typ. Min.
1200-2000 1270-2070
50-1000
8.4
0.25
9.8
+20
30
60
58
40
40
30
1130.10
1200.10
8.03
58.01
48.07
2.55
3.21
27.33
64.81
50.56
2.25
1210.10
1280.10
8.11
61.92
45.06
2.35
3.07
27.38
70.09
131.48
2.17
1290.10
1360.10
8.20
66.68
43.03
2.12
2.92
27.93
69.70
171.94
2.08
1370.10
1440.10
8.31
69.52
41.84
1.90
2.82
28.87
69.69
212.40
2.07
1450.10
1520.10
8.44
60.76
40.90
1.70
2.77
29.84
69.89
293.32
1.93
1510.10
1580.10
8.51
63.12
40.69
1.58
2.74
31.14
74.50
374.24
1.77
1590.10
1660.10
8.47
71.54
40.56
1.58
2.77
30.60
71.13
495.62
1.57
1650.10
1720.10
8.49
61.70
41.59
1.61
2.84
30.04
70.61
576.54
1.45
1730.10
1800.10
8.64
54.10
44.07
1.57
2.95
29.73
76.15
697.92
1.32
1790.10
1860.10
8.72
52.88
46.98
1.58
3.02
29.32
64.92
778.84
1.29
1870.10
1940.10
8.78
55.06
51.49
1.58
3.12
28.56
57.71
859.76
1.27
1930.10
2000.10
8.80
60.72
52.56
1.54
3.17
27.93
55.37
960.90
1.31
2010.10
2080.00
8.87
59.17
48.96
1.52
3.20
27.42
56.67
1001.36
1.35
Outline Dimensions (
)
inch
mm
Outline Drawing
Electrical Schematic
A
B
C
D
E
F
G
H
J
K
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060
12.7 12.7 4.572 2.54 2.032 2.921 1.524 1.016 13.72 1.524
L
M
N
P
Q
R
S
T
wt.
.100 .135 .135 .115 .140 .070 .150 .070
grams
2.54 3.429 3.429 2.921 3.556 1.778 3.81 1.778
1.0
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: CK605
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Numéro de pièce similaire - LAVI-23VH

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LAVI-22VH MINI-LAVI-22VH Datasheet
275Kb / 3P
   Frequency Mixer
LAVI-22VH++ MINI-LAVI-22VH+ Datasheet
275Kb / 3P
   Frequency Mixer
LAVI-22VH++ MINI-LAVI-22VH+ Datasheet
262Kb / 1P
   FREQUENCY MIXERS
LAVI-252H MINI-LAVI-252H Datasheet
350Kb / 2P
   Frequency Mixer
LAVI-252H++ MINI-LAVI-252H+ Datasheet
350Kb / 2P
   Frequency Mixer
More results

Description similaire - LAVI-23VH

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com