Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VBO20-08NO2 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce VBO20-08NO2
Description  Single Phase Rectifier Bridge - Standard and Avalanche Types
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO20-08NO2 Fiches technique(HTML) 2 Page - IXYS Corporation

  VBO20-08NO2 Datasheet HTML 1Page - IXYS Corporation VBO20-08NO2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 20
Fig. 1 Surge overload current per diode
I
FSM: Crest value, t: duration
Fig. 3 Max. forward current at case
temperature
Fig. 2 I2t versus time (1-10 ms)
per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Transient thermal impedance junction to heatsink per diode
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.775
0.0788
2
1.390
0.504
3
1.255
3.701


Numéro de pièce similaire - VBO20-08NO2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
   Single Phase Rectifier Bridge
More results

Description similaire - VBO20-08NO2

FabricantNo de pièceFiches techniqueDescription
logo
Nell Semiconductor Co.,...
GBU15K-A NELLSEMI-GBU15K-A Datasheet
567Kb / 3P
   Avalanche Glass Passivated Single-Phase Bridge Rectifier
GBU10K-A NELLSEMI-GBU10K-A Datasheet
567Kb / 3P
   Avalanche Glass Passivated Single-Phase Bridge Rectifier
GBJ1506A NELLSEMI-GBJ1506A Datasheet
257Kb / 3P
   Avalanche Glass Passivated Single-Phase Bridge Rectifier
logo
Solid States Devices, I...
SDA138A SSDI-SDA138A_1 Datasheet
125Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA117A SSDI-SDA117A_1 Datasheet
114Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ25A NELLSEMI-GBJ25A Datasheet
257Kb / 3P
   Avalanche Glass Passivated Single-Phase Bridge Rectifier 25A/600V
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
RA0011B SSDI-RA0011B_15 Datasheet
108Kb / 2P
   STANDARD RECOVERY SINGLE PHASE BRIDGE
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com