Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA14132 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce CA14132
Description  ~8.5째 spot beam optimized for CREE XP-E. 14.7 mm high assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14132 Fiches technique(HTML) 1 Page - Ledil, Inc.

  CA14132 Datasheet HTML 1Page - Ledil, Inc. CA14132 Datasheet HTML 2Page - Ledil, Inc. CA14132 Datasheet HTML 3Page - Ledil, Inc. CA14132 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA14132_LXP2-RS2
LXP2-RS2
~8.5° spot beam optimized for CREE XP-E. 14.7
mm high assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.7 mm
Fastening
tape
Colour
white
Box size
480 x 280 x 300 mm
Box weight
9.6 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-RS2
Lens
PMMA
LXP2-LH1-TAPE-WHT
Holder
PC
white
HEIDI-TAPE
Tape
PU tape
black
Last update: 28/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Numéro de pièce similaire - CA14132

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
   Beam for symmetrical tunnel lighting and parking garages.
CA14122 LEDIL-CA14122 Datasheet
2Mb / 6P
   Beam for symmetrical tunnel lighting and parking garages.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
logo
SHIELD s.r.l.
CA1416H00 SHIELD-CA1416H00 Datasheet
256Kb / 2P
   For electrovalves, style A, 2p2G, female, with cable
logo
Ledil, Inc.
CA14197 LEDIL-CA14197 Datasheet
2Mb / 4P
   ~35째 55째 rectangular beam
More results

Description similaire - CA14132

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
   ~8.5째 spot beam optimized for CREE XP-E
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
   ~8.5째 spot beam optimized for CREE XP-E
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10653 LEDIL-FA10653 Datasheet
3Mb / 4P
   ~9.6째 spot beam optimized for CREE XR-E. 16.5 mm high assembly with installation tape.
FA10613 LEDIL-FA10613 Datasheet
3Mb / 4P
   ~9.6째 spot beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
   ~8째 spot beam optimized for CREE XP-E
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
   ~19째 spot beam optimized for CREE XP-E.
CA11481 LEDIL-CA11481 Datasheet
2Mb / 7P
   ~9.6째 spot beam optimized for CREE XP-E.
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
   ~15째 spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com