Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST1000C26K2L Datasheet(Fiches technique) 4 Page - International Rectifier

Numéro de pièce ST1000C26K2L
Description  PHASE CONTROL THYRISTORS
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST1000C26K2L Datasheet(HTML) 4 Page - International Rectifier

  ST1000C26K2L Datenblatt HTML 1Page - International Rectifier ST1000C26K2L Datenblatt HTML 2Page - International Rectifier ST1000C26K2L Datenblatt HTML 3Page - International Rectifier ST1000C26K2L Datasheet HTML 4Page - International Rectifier ST1000C26K2L Datenblatt HTML 5Page - International Rectifier ST1000C26K2L Datenblatt HTML 6Page - International Rectifier ST1000C26K2L Datenblatt HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ST1000C..K Series
4
Bulletin I25202 rev. A 01/00
www.irf.com
ST
100
0
C
26
K
1
1
23
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings Table)
6
-
K = Puk Case A-24 (K-PUK)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads)
1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads)
2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads)
3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/µsec (Standard selection)
L
= 1000V/µsec (Special selection)
4
Device Code
5
6
7
Parameter
ST1000C..K
Units Conditions
Thermal and Mechanical Specifications
8
Ordering Information Table
∆R
thJC
Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Sinusoidal conduction
Rectangular conduction
Single Side
Double Side
Single Side
Double Side
Conduction angle
Units
Conditions
180°
0.003
0.003
0.002
0.002
120°
0.004
0.004
0.004
0.004
90°
0.005
0.005
0.005
0.005
K/W
T
J = TJ max.
60°
0.007
0.007
0.007
0.007
30°
0.012
0.012
0.012
0.012
T
J
Max. junction operating temperature range
- 40 to 125
°C
Tstg
Max. storage temperature range
- 40 to 150
RthJ-hs Max. thermal resistance, junction to
0.042
K/W
DC operation single side cooled
heatsink
0.021
DC operation double side cooled
RthC-hs Max. thermal resistance, case to
0.006
K/W
DC operation single side cooled
heatsink
0.003
DC operation double side cooled
F
Mounting force, ± 10%
24500
N
(2500)
(Kg)
wt
Approximate weight
425
g
Case style
A-24 (K-PUK)
See outline table


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ST1230CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 International Rectifier
ST330SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
180RKIPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
ST230CPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
CS142-12IO8Phase Control Thyristors 1 2 IXYS Corporation
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
CS8-08IO2Phase Control Thyristors 1 2 3 IXYS Corporation
CS300-12IO3Phase Control Thyristors 1 2 3 IXYS Corporation
ST180SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier