Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

THS1240 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce THS1240
Description  12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS1240 Fiches technique(HTML) 2 Page - Texas Instruments

  THS1240 Datasheet HTML 1Page - Texas Instruments THS1240 Datasheet HTML 2Page - Texas Instruments THS1240 Datasheet HTML 3Page - Texas Instruments THS1240 Datasheet HTML 4Page - Texas Instruments THS1240 Datasheet HTML 5Page - Texas Instruments THS1240 Datasheet HTML 6Page - Texas Instruments THS1240 Datasheet HTML 7Page - Texas Instruments THS1240 Datasheet HTML 8Page - Texas Instruments THS1240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THS1240
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS279D – JUNE 2000 – REVISED JANUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Digital Error Correction
S/H
Stage 1
Stage 10
Reference
3.0 V
2.0 V
AVDD/2
Timing
VIN–
VREFOUT+
VCM
CLK+
DVSS
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AVDD DVDD
D/A
Σ
A/D
Σ
D/A
A/D
A/D
VREFOUT–
VREFIN+
VREFIN–
CLK–
1
2
1
Buffer
DRVDD
AVSS
DRVSS
Stages 2 – 9
VIN+
Stage 11
D10
D11
1 k
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
2, 5, 12, 43,
45, 47
I
Analog power supply
AVSS
1, 11, 13, 41,
42, 44, 46
I
Analog ground return for internal analog circuitry
CLK+
15
I
Clock input
CLK–
16
I
Complementary clock input
D11–D0
25–36
O
Digital data output bits; LSB= D0, MSB = D11 (2s complement output format)
DRVDD
24, 37, 38
I
Digital output driver supply
DRVSS
23, 39, 40
I
Digital output driver ground return
DVDD
17, 20, 22
I
Positive digital supply
DVSS
18, 19, 21
I
Digital ground return
VBG
10
O
Band gap reference. Bypass to ground with a 1-
µF and a 0.01-µF chip capacitor.
VCM
48
O
Common mode voltage output. Bypass to ground with a 0.1-
µF and a 0.01-µF chip capacitor.
VIN+
3
I
Analog signal input
VIN–
4
I
Complementary analog signal input
VREFIN –
7
I
External reference input low
VREFIN+
8
I
External reference input high
VREFOUT+
9
O
Internal reference output. Compensate with a 1-
µF and a 0.01-µF chip capacitor.
VREFOUT –
6
O
Internal reference output. Compensate with a 1-
µF and a 0.01-µF chip capacitor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn