Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

THS1240 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce THS1240
Description  12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS1240 Fiches technique(HTML) 4 Page - Texas Instruments

  THS1240 Datasheet HTML 1Page - Texas Instruments THS1240 Datasheet HTML 2Page - Texas Instruments THS1240 Datasheet HTML 3Page - Texas Instruments THS1240 Datasheet HTML 4Page - Texas Instruments THS1240 Datasheet HTML 5Page - Texas Instruments THS1240 Datasheet HTML 6Page - Texas Instruments THS1240 Datasheet HTML 7Page - Texas Instruments THS1240 Datasheet HTML 8Page - Texas Instruments THS1240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THS1240
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS279D – JUNE 2000 – REVISED JANUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
AVDD = DVDD = 5 V, DRVDD = 3.3 V, internal references, CLK = 40 MHz, single-ended clock source
at 40 MHz with 50% duty cycle (unless otherwise noted)
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DNL
Differential nonlinearity
fIN = 15.5 MHz
–1
±0.6
1.25
LSB
No missing codes
Assured
INL
Integral nonlinearity
fIN = 15.5 MHz
±2
LSB
EO
Offset error
V(VIN+) = V(VIN_) = VCM
14
70
mV
EG
Gain error
– 7
– 10
%FSR
† All typical values are at TA = 25°C.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
I(AVDD)
Analog supply current
V(VIN) = (VCM)
73
110
mA
I(DVDD)
Digital supply current
V(VIN) = (VCM)
2
4
mA
I(DRVDD) Output driver supply current‡
V(VIN) = (VCM)
2
7
mA
PD
Power dissipation
V(VIN) = (VCM)
380
mW
† All typical values are at TA = 25°C.
‡ 15 pF load on digital outputs
reference
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VREFOUT –
Negative reference output voltage
1.9
2
2.1
V
VREFOUT+
Positive reference output voltage
2.9
3
3.1
V
VREFIN –
External reference supplied
2
V
VREFIN+
External reference supplied
3
V
V(VCM)
Common mode output voltage
AVDD/2
V
I(VCM)
Common mode output current
80
µA
† All typical values are at TA = 25°C.
analog input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
RI
Differential input resistance
1
k
CI
Differential input capacitance
4
pF
VI
Analog input common mode range
VCM ± 0.05
V
VID
Differential input voltage range
2
Vp-p
BW
Analog input bandwidth (large signal)
–3 dB
120
MHz
† All typical values are at TA = 25°C.
digital outputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 50 µA
0.8DRVDD
V
VOL
Low-level output voltage
IOL = 50 µA
0.2DRVDD
VDD
CL
Output load capacitance
15
pF
† All typical values are at TA = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn