Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9455F Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TC9455F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9455F Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9455F Datasheet HTML 2Page - Toshiba Semiconductor TC9455F Datasheet HTML 3Page - Toshiba Semiconductor TC9455F Datasheet HTML 4Page - Toshiba Semiconductor TC9455F Datasheet HTML 5Page - Toshiba Semiconductor TC9455F Datasheet HTML 6Page - Toshiba Semiconductor TC9455F Datasheet HTML 7Page - Toshiba Semiconductor TC9455F Datasheet HTML 8Page - Toshiba Semiconductor TC9455F Datasheet HTML 9Page - Toshiba Semiconductor TC9455F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC9455,88F/N
2002-02-05
6
4.
Electronic volume controllers
The IC incorporates microphone input 1 (MIC1) and microphone input 2 (MIC2) volume and echo volume
controllers. The built-in volume controller operates in 16 steps. Using an external variable resistor, volume
can be controlled by the DC level or from the MCU using serial data.
The TC9455F/N supports an I2C bus interface; the TC9488F/N, a three-lead interface.
4.1
Serial control timing
Figure 4 shows the serial control timing.
Figure 4
Serial control timing
Table 1 lists bits used to set the volume.
Table 1
Volume setting bits
M3, M2, M1, M0: Volume setting data
MODE
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
VOL1 setting
M3
M2
M1
M0
0
0
0
0
VOL2 setting
M3
M2
M1
M0
0
1
0
0
VOL3 setting
M3
M2

M1
M0
1

0
0
0
VOL1, 2, 3 setting
M3
M2
M1
M0
1
1
0
0


Numéro de pièce similaire - TC9455F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9456F TOSHIBA-TC9456F Datasheet
624Kb / 16P
   SINGLE CHIP SURROUND LSI WITH A BUILT-IN SRS
TC9457F TOSHIBA-TC9457F Datasheet
251Kb / 15P
   Firmware Built In Digital Servo
TC9459 TOSHIBA-TC9459 Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
TC9459F TOSHIBA-TC9459F Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results

Description similaire - TC9455F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com