Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST1000C26K3 Datasheet(Fiches technique) 5 Page - International Rectifier

Numéro de pièce ST1000C26K3
Description  PHASE CONTROL THYRISTORS
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST1000C26K3 Datasheet(HTML) 5 Page - International Rectifier

  ST1000C26K3 Datenblatt HTML 1Page - International Rectifier ST1000C26K3 Datenblatt HTML 2Page - International Rectifier ST1000C26K3 Datenblatt HTML 3Page - International Rectifier ST1000C26K3 Datenblatt HTML 4Page - International Rectifier ST1000C26K3 Datasheet HTML 5Page - International Rectifier ST1000C26K3 Datenblatt HTML 6Page - International Rectifier ST1000C26K3 Datenblatt HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST1000C..K Series
5
Bulletin I25202 rev. A 01/00
www.irf.com
Outline Table
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
1 (0.04) MIN.
TWO PLACES
47.5 (1.87) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.1 (0.1) DEEP
4.75 (0.2) NOM.
20° ± 5°
44 (1.73)
CREPAGE DESTANCE 28.88 (1.137) MIN.
STRIKE DISTANCE 17.99 (0.708) MIN.
67 (2.6) DIA. MAX.
Case Style A-24 (K-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
70
80
90
100
110
120
130
0
100 200 300 400 500 600 700
30°
60°
90°
120 °
180 °
Conduction Angle
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
70
80
90
100
110
120
130
0
200
400
600
800
1000
DC
30°
60°
90°
120 °
180 °
Conduction Period
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ST1230CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 International Rectifier
ST330SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
180RKIPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
ST230CPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
CS142-12IO8Phase Control Thyristors 1 2 IXYS Corporation
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
CS8-08IO2Phase Control Thyristors 1 2 3 IXYS Corporation
CS300-12IO3Phase Control Thyristors 1 2 3 IXYS Corporation
ST180SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn