Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST1000C26K2 Datasheet(Fiches technique) 3 Page - International Rectifier

Numéro de pièce ST1000C26K2
Description  PHASE CONTROL THYRISTORS
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST1000C26K2 Datasheet(HTML) 3 Page - International Rectifier

  ST1000C26K2 Datenblatt HTML 1Page - International Rectifier ST1000C26K2 Datenblatt HTML 2Page - International Rectifier ST1000C26K2 Datasheet HTML 3Page - International Rectifier ST1000C26K2 Datenblatt HTML 4Page - International Rectifier ST1000C26K2 Datenblatt HTML 5Page - International Rectifier ST1000C26K2 Datenblatt HTML 6Page - International Rectifier ST1000C26K2 Datenblatt HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST1000C..K Series
3
Bulletin I25202 rev. A 01/00
www.irf.com
dv/dt
Maximum critical rate of rise of off-state
500
V/µs
T
J
= T
J
max., linear to 80% rated V
DRM
voltage
I
RRM
Maximum peak reverse and off-state
100
µs
T
J = TJ max., rated VDRM/VRRM applied
I
DRM
leakage current
Parameter
ST1000C..K
Units Conditions
Blocking
di/dt
Maximum non repetitive rate of rise
1000
A/µs
Gate drive 20V, 20
Ω, t
r
< 1µs
of turned-on current
T
J = TJ max., anode voltage < 80% V DRM
t
d
Typical delay time
1.9
µs
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
t
q
Typical turn-off time
300
A/µs
I
TM
= 550A, T
J
= T
J
max, di/dt = 40A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, tp < 500µs
Parameter
ST1000C..K
Units Conditions
Switching
Parameter
ST1000C..K
Units Conditions
Triggering
P
GM
Maximum peak gate power
16
W
T
J
= T
J
max., tp < 5ms
P
G(AV)
Maximum peak average gate power
3
W
T
J
= T
J
max., f = 50Hz, d% = 50
I
GM
Maximum peak positive gate current
3.0
A
T
J = TJ max., tp < 5ms
+ V
GM
Maximum peak positive gate voltage
20
V
- V
GM
Maximum peak negative gate voltage
5.0
V
I
GT
DC gate current required to trigger
TYP.
MAX.
200
-
T
J =
-40°C
100
200
mA
T
J =25°C
50
-
T
J
= 125°C
V
GT
DC gate voltage required to trigger
1.4
-
T
J =
-40°C
1.1
3.0
V
T
J
=25°C
0.9
-
T
J = 125°C
I
GD
DC gate current not to trigger
10
mA
T
J
= T
J
max.
V
GD
DC gate voltage not to trigger
0.25
V
Max. required gate trigger / current /
voltage are the lowest value which
will trigger all units 12V anode-to-
cathode applied
Max. gate current / voltage not to
trigger is the max. value which will
not trigger any units with rated V
DRM
anode-to-cathode applied


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ST1230CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 International Rectifier
ST330SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
180RKIPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
ST230CPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
CS142-12IO8Phase Control Thyristors 1 2 IXYS Corporation
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
CS8-08IO2Phase Control Thyristors 1 2 3 IXYS Corporation
CS300-12IO3Phase Control Thyristors 1 2 3 IXYS Corporation
ST180SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier