Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST1000C26K2 Datasheet(Fiches technique) 2 Page - International Rectifier

Numéro de pièce ST1000C26K2
Description  PHASE CONTROL THYRISTORS
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST1000C26K2 Datasheet(HTML) 2 Page - International Rectifier

  ST1000C26K2 Datenblatt HTML 1Page - International Rectifier ST1000C26K2 Datasheet HTML 2Page - International Rectifier ST1000C26K2 Datenblatt HTML 3Page - International Rectifier ST1000C26K2 Datenblatt HTML 4Page - International Rectifier ST1000C26K2 Datenblatt HTML 5Page - International Rectifier ST1000C26K2 Datenblatt HTML 6Page - International Rectifier ST1000C26K2 Datenblatt HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST1000C..K Series
2
Bulletin I25202 rev. A 01/00
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = 125°C
VV
mA
12
1200
1300
16
1600
1700
20
2000
2100
22
2200
2300
24
2400
2500
26
2600
2700
ST1000C..K
100
I
T(AV)
Maximum average on-state current
1473 (630)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
Double side (single side) cooled
I
T(RMS)
Maximum RMS on-state current
6540
A
DC @ 25°C heatsink temp. double side cooled
I
TSM
Maximum peak, one-cycle,
20.0
KA
t = 10ms
No voltage
non-repetitive surge current
21.2
t = 8.3ms
reapplied
17.0
t = 10ms
100% V
RRM
18.1
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
2000
KA2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
1865
t = 8.3ms
reapplied
1445
t = 10ms
100% V
RRM
1360
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
20000
KA2
√s t = 0.1 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold voltage
0.950
V
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
VT(TO)2 High level value of threshold voltage
1.024
(I >
π x I
T(AV)), T J = TJ max.
rt1
Low level value of on-state slope resistance
0.283
m
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
rt2
High level value of on-state slope resistance
0.265
(I >
π x I
T(AV)), T J = TJ max.
V
TM
Maximum on-state voltage drop
1.80
V
I
pk
= 3000A, T
J
= 125°C, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
mA
T
J = 25°C, anode supply 12V resistive load
I
L
Typical latching current
1000
Parameter
ST1000C..K
Units Conditions
On-state Conduction


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ST1230CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 International Rectifier
ST330SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
180RKIPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
ST230CPHASE CONTROL THYRISTORS 1 2 3 4 5 MoreInternational Rectifier
CS142-12IO8Phase Control Thyristors 1 2 IXYS Corporation
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
CS8-08IO2Phase Control Thyristors 1 2 3 IXYS Corporation
CS300-12IO3Phase Control Thyristors 1 2 3 IXYS Corporation
ST180SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier