Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCH1T45YZPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVCH1T45YZPR
Description  SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH1T45YZPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AVCH1T45YZPR Datasheet HTML 4Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 5Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 6Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 7Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 8Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 9Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 10Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 11Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN74AVCH1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES598C – JULY 2004 – REVISED OCTOBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 2.5 V ± 0.2 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
ns
tPHL
A
B
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
ns
tPLH
B
A
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
ns
tPHL
B
A
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
ns
tPHZ
DIR
A
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
ns
tPLZ
DIR
A
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
ns
tPHZ
DIR
B
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
ns
tPLZ
DIR
B
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
ns
tPZH†
DIR
A
7.1
11.8
10.3
7.5
7.3
ns
tPZL†
DIR
A
7.1
11.8
10.3
7.5
7.3
ns
tPZH†
DIR
B
5.4
8.6
8.1
7
6.6
ns
tPZL†
DIR
B
5.4
8.6
8.1
7
6.6
ns
† The enable time is a calculated value, derived using the formula shown in the enable times section, page 16.
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
ns
tPHL
A
B
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
ns
tPLH
B
A
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
ns
tPHL
B
A
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
ns
tPHZ
DIR
A
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
ns
tPLZ
DIR
A
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
ns
tPHZ
DIR
B
4
0.7
7.4
0.6
6.5
0.7
4
1.5
3.9
ns
tPLZ
DIR
B
4
0.7
7.4
0.6
6.5
0.7
4
1.5
3.9
ns
tPZH†
DIR
A
6.2
11.2
9.9
7
6.7
ns
tPZL†
DIR
A
6.2
11.2
9.9
7
6.7
ns
tPZH†
DIR
B
5.7
8.9
8.5
7.2
6.8
ns
tPZL†
DIR
B
5.7
8.9
8.5
7.2
6.8
ns
† The enable time is a calculated value, derived using the formula shown in the enable times section, page 16.


Numéro de pièce similaire - SN74AVCH1T45YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCH1T45YZPR TI-SN74AVCH1T45YZPR Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

Description similaire - SN74AVCH1T45YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com