Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL1902FAZ Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce ISL1902FAZ
Description  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1902FAZ Fiches technique(HTML) 3 Page - Renesas Technology Corp

  ISL1902FAZ Datasheet HTML 1Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 2Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 3Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 4Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 5Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 6Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 7Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 8Page - Renesas Technology Corp ISL1902FAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISL1902
FN7981 Rev 2.00
Page 3 of 25
March 20, 2013
17
LREF
The non-inverting input to the uncommitted linear amplifier.
18
LOUT
Output of the uncommitted linear amplifier.
19
OVP
Input to detect an overvoltage (OV) condition on the output with a nominal threshold of 1.5V. Since the control variable is output
current, a fault that results in an open circuit will cause excessive output voltage. The circuit hysteresis is a switched current source
that is active when the OV threshold is exceeded.
20
AC
Input to sense AC voltage presence and amplitude. A resistor divider from line and neutral/line and circuit ground is used to detect
the AC voltage.
21
GND
Signal and power ground connections for this device. Due to high peak currents and high frequency operation, a low impedance
layout is necessary. Ground planes and short traces are highly recommended.
22
INRUSH Output to drive an isolation transformer to control an inrush current limiting device. Typically this would be a triac, back-to-back FETs,
or anti-parallel SCRs, etc. The output is a 50% duty cycle ~80kHz square-wave capable of sourcing 10mA. The output is enabled in
conjunction with an AC outage (such as from a wall dimmer). Operation is delayed for ~150µs after AC returns and is enabled until
AC is interrupted again. The INRUSH output is also inhibited during normal AC zero-crossing even at full conduction angle.
23
PWMOUT The PWM gate drive output for LED dimming. The output level is clamped to ~12V for VDD greater than 12V. PWMOUT has pull-down
capability when UVLO is active or when the IC is not biased. This output is used to drive the dimming FET in series with the LED string.
The PWM operates at ~310Hz.
24
OUT
The gate drive output for the external power FET. OUT is capable of sourcing and sinking 1A @ VDD = 8V. The output level is clamped
to ~12V for VDD greater than 12V. OUT has pull-down capability when UVLO is active or when the IC is not biased.
Pin Descriptions (Continued)
PIN # SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG.
#
ISL1902FAZ
ISL 1902FAZ
-40 to +125
24 Ld QSOP
M24.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1902. For more information on MSL please see tech brief TB363.


Numéro de pièce similaire - ISL1902FAZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL1902FAZ INTERSIL-ISL1902FAZ Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

Description similaire - ISL1902FAZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com