Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3209 Fiches technique(PDF) 3 Page - GeneSiC Semiconductor, Inc.

No de pièce 1N3209
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3209 Fiches technique(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  1N3209 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3209 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3209 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package dimensions and terminal configuration
Product is marked with part number and terminal configuration.
1N3208 thru 1N3211R
DO- 5 (DO-203AB)
J
K
G
F
A
E
D
P
N
B
C
M
Inches
Millimeters
Min
Max
Min
Max
A
1/4 –28 UNF
B
0.669
0.687
17.19
17.44
C
-----
0.794
-----
20.16
D
-----
1.020
-----
25.91
E
0.422
0.453
10.72
11.50
F
0.115
0.200
2.93
5.08
G
-----
0.460
-----
11.68
J
-----
0.280
-----
7.00
K
0.236
-----
6.00
-----
M
-----
0.589
-----
14.96
N
-----
0.063
-----
1.60
P
0.140
0.175
3.56
4.45
Feb 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
3


Numéro de pièce similaire - 1N3209

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
1N3209 IRF-1N3209 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3209 MICROSEMI-1N3209 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3209 VISHAY-1N3209 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
1N3209 NJSEMI-1N3209 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
America Semiconductor, ...
1N3209 AMERICASEMI-1N3209 Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
More results

Description similaire - 1N3209

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com