Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12022M Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce ISL12022M
Description  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12022M Fiches technique(HTML) 2 Page - Renesas Technology Corp

  ISL12022M Datasheet HTML 1Page - Renesas Technology Corp ISL12022M Datasheet HTML 2Page - Renesas Technology Corp ISL12022M Datasheet HTML 3Page - Renesas Technology Corp ISL12022M Datasheet HTML 4Page - Renesas Technology Corp ISL12022M Datasheet HTML 5Page - Renesas Technology Corp ISL12022M Datasheet HTML 6Page - Renesas Technology Corp ISL12022M Datasheet HTML 7Page - Renesas Technology Corp ISL12022M Datasheet HTML 8Page - Renesas Technology Corp ISL12022M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ISL12022M
FN6668 Rev 9.00
Page 2 of 32
June 20, 2012
Block Diagram
Pin Configuration
ISL12022M
(20 LD SOIC)
TOP VIEW
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
VDD
VBAT
INTERNAL
SUPPLY
VTRIP
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEAR
USER
SRAM
CONTROL
REGISTERS
GND
REGISTERS
TEMPERATURE
SENSOR
FREQUENCY
CONTROL
IRQ/FOUT
+
-
NC
NC
NC
GND
NC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
GND
VDD
NC
NC
GND
VBAT
NC
NC
NC
IRQ/FOUT
SCL
SDA
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5, 9,
10, 16, 17, 18,
19, 20
NC
No Connection. Do not connect to a signal or supply voltage.
7VBAT
Backup Supply. This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event
that the VDD supply fails. This pin can be connected to a battery, a supercapacitor or tied to ground if not used. See the
Battery Monitor parameter in “DC Operating Characteristics RTC” on page 6. This pin should be tied to ground if not used.
11
SDA
Serial Data. SDA is a bi-directional pin used to transfer data into and out of the device. It has an open drain output and
may be OR’ed with other open drain or open collector outputs. The input buffer is always active (not gated) in normal
mode.
An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds. It is disabled when
the backup power supply on the VBAT pin is activated.


Numéro de pièce similaire - ISL12022M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022M INTERSIL-ISL12022M Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022M INTERSIL-ISL12022M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Description similaire - ISL12022M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com