Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M56781FP Fiches technique(PDF) 5 Page - Mitsubishi Electric Semiconductor

No de pièce M56781FP
Description  2-CHANNEL ACTUATOR MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56781FP Fiches technique(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M56781FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS
Output Saturation Voltage - Load Current Characteristics.
FREQUENCY CHARACTERISTICS
(dB)
GAIN
40
20
0
-20
-40
0.03
0.06
0.1
0.3
0.6
1
3
6
10
30
60
100
300
600
180
90
0
-90
-180
(deg)
PHASE
FREQUENCY
PHASE
GAIN
(kHz)
(V)
1
2
11
12
100
200
300
400
500
(mA)
The voltage range
that is able to drive a motor.
Top side
saturation voltage
0.84
0.89
0.95
1.00
1.05
0.06
0.12
0.18
0.24
0.30
VCC1 = VCC2 = 12V
0
0
Bottom side saturation voltage


Numéro de pièce similaire - M56781FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56783 MITSUBISHI-M56783 Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56784 MITSUBISHI-M56784 Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
More results

Description similaire - M56781FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
logo
List of Unclassifed Man...
L9110 ETC2-L9110 Datasheet
313Kb / 5P
   2-CHANNEL MOTOR DRIVER
logo
Rohm
BA6191 ROHM-BA6191 Datasheet
99Kb / 6P
   2-channel reversible-motor driver
BA6259N ROHM-BA6259N Datasheet
66Kb / 5P
   2-channel reversible motor driver
BA6193 ROHM-BA6193 Datasheet
104Kb / 7P
   2-channel reversible-motor driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com