Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3162 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce CA3162
Description  A/D Converters for 3-Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3162 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  CA3162 Datasheet HTML 1Page - Renesas Technology Corp CA3162 Datasheet HTML 2Page - Renesas Technology Corp CA3162 Datasheet HTML 3Page - Renesas Technology Corp CA3162 Datasheet HTML 4Page - Renesas Technology Corp CA3162 Datasheet HTML 5Page - Renesas Technology Corp CA3162 Datasheet HTML 6Page - Renesas Technology Corp CA3162 Datasheet HTML 7Page - Renesas Technology Corp CA3162 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CA3162
FN1080 Rev.3.00
Page 5 of 8
Apr 2002
CA3162E Liquid Crystal Display (LCD) Application
Figure 3 shows the CA3162E in a typical LCD application.
LCDs may be used in favor of LED displays in applications
requiring lower power dissipation, such as battery-operated
equipment, or when visibility in high-ambient-light conditions is
desired.
Multiplexing of LCD digits is not practical, since LCDs must be
driven by an AC signal and the average voltage across each
segment is zero. Three CD4056B liquid-crystal decoder/drivers
are therefore used. Each CD4056B contains an input latch so
that the BCD data for each digit may be latched into the
decoder using the inverted digit-select outputs of the CA3162E
as strobes.
The capacitors on the outputs of inverters G3 and G4 filter out
the decode spikes on the MSD and NSD signals. The capaci-
tors and pull-up resistors connected to the MSD, NSD and LSD
outputs are there to shorten the digit drive signal thereby pro-
viding proper timing for the CD4056B latches.
Inverters G1 and G2 are used as an astable multivibrator to
provide the AC drive to the LCD backplane. Inverters G3, G4
and G5 are the digit-select inverters and require pull-up resis-
tors to interface the open-collector outputs of the CA3162E to
CMOS logic. The BCD outputs of the CA3162E may be con-
nected directly to the corresponding CD4056B inputs (using
pull-up resistors). In this arrangement, the CD4056B decodes
the negative sign (-) as an “L” and the positive overload indica-
tor (E) as an “H”.
The circuit as shown in Figure 3 using G7, G8 and G9 will
decode the negative sign (-) as a negative sign (-), and the
positive overload indicator (E) as “H”.
FIGURE 3. TYPICAL LCD APPLICATION
+5V
TO LSD
OF LCD
+5V
TO MSD
OF LCD
+5V
TO NSD
OF LCD
1
6
4
2
3
5 78
16
CD4056B
15k
100k
0.63
F
TO LCD
BACKPLANE
1
6
4
2
3
5 78
16
CD4056B
1
6
4
2
3
5 78
16
CD4056B
0.047
0.27
F
ZERO
50k
“HOLD”
VIN+
GAIN
10k
+5V
12
14
8
9
11
10 13
4
3
5
16
15
1
2
7
MSD
VIN-
NSD
LSD
23
22
21
20
F
0.047
F
G1 - G6: CD4049UB
HEX INVERTER
G7, G8, G9: CD4023B
TRIPLE 3 INPUT NAND GATE
0.047
F
G7
G9
G8
0.047
F
0.047
F
4 x
100k
6 x
10k
G3
G4
G5
+5V
CA3162E


Numéro de pièce similaire - CA3162

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
CA3162A INTERSIL-CA3162A Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162AE INTERSIL-CA3162AE Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162E INTERSIL-CA3162E Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
More results

Description similaire - CA3162

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com