Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX1806 Fiches technique(PDF) 5 Page - Maxim Integrated Products

No de pièce MAX1806
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806 Fiches technique(HTML) 5 Page - Maxim Integrated Products

  MAX1806 Datasheet HTML 1Page - Maxim Integrated Products MAX1806 Datasheet HTML 2Page - Maxim Integrated Products MAX1806 Datasheet HTML 3Page - Maxim Integrated Products MAX1806 Datasheet HTML 4Page - Maxim Integrated Products MAX1806 Datasheet HTML 5Page - Maxim Integrated Products MAX1806 Datasheet HTML 6Page - Maxim Integrated Products MAX1806 Datasheet HTML 7Page - Maxim Integrated Products MAX1806 Datasheet HTML 8Page - Maxim Integrated Products MAX1806 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
500mA, Low-Voltage Linear Regulator in µMAX
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(MAX1806EUA33, VIN = VOUT + 500mV, SHDN = IN, CIN = 1µF, COUT = 10µF, TA = +25°C, unless otherwise noted.)
100
200
150
300
250
350
400
450
500
0
200 300
100
400 500 600 700 800
GROUND-PIN CURRENT vs.
LOAD CURRENT
LOAD CURRENT (A)
VIN = 5.5V
VIN = 3.8V
150
160
180
170
190
200
-40
10
-15
35
60
85
GROUND-PIN CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
VIN = VOUT + 500mV
IOUT = 0
-60
0.01
0.1
1
10
100
1000
-50
-40
-30
-20
-10
0
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
COUT = 10
µF
IOUT = 50mA
10
0.001
0.1
1
100
1000
OUTPUT SPECTRAL NOISE DENSITY
vs. FREQUENCY
0.01
0.1
1
FREQUENCY (kHz)
10
COUT = 10
µF
IOUT = 50mA
OUTPUT NOISE DC TO 1MHz
MAX1806 toc11
20ms/div
VOUT
1mV/div
VOUT = 3.3V
ROUT = 66
Ω (50mA)
0.01
0
200
100
400
600
800
700
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
0.1
1
10
100
FREQUENCY (kHz)
300
500
COUT = 10
µF
STABLE REGION
LOAD-TRANSIENT RESPONSE
MAX1806 toc13
10
µs/div
IOUT
200mA/div
VOUT
20mV/div
VIN = VOUT + 500mV
CIN = 10
µF
ROUT = 660
Ω TO 6.6Ω (5mA TO 500mA)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MAX1935 500mA Low-Voltage Linear Regulator in Tiny QFN 1  2  3  4  5  More Maxim Integrated Products
SI3018 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
AIC1733 500mA Low Dropout Linear Regulator with Shutdown 1  2  3  4  5  More Analog Intergrations Corporation
SI3025 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
APL1088 500mA Low Dropout Linear Regulator 1  2  3  4  5  More Anpec Electronics Coropration
APL5885 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 1  2  3  4  5  More Anpec Electronics Coropration
MAX8737 Dual Low-Voltage Linear Regulator Controllers with External MOSFETs 1  2  3  4  5  More Maxim Integrated Products
SP6231 500mA 3.3V Linear Regulator with Auxiliary Backup 1  2  3  4  5  More Sipex Corporation
SI-3025LSA LOW-VOLTAGE HIGH-CURRENT 2.5 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
SI-3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn