Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX1806 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce MAX1806
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  MAX1806 Datasheet HTML 1Page - Maxim Integrated Products MAX1806 Datasheet HTML 2Page - Maxim Integrated Products MAX1806 Datasheet HTML 3Page - Maxim Integrated Products MAX1806 Datasheet HTML 4Page - Maxim Integrated Products MAX1806 Datasheet HTML 5Page - Maxim Integrated Products MAX1806 Datasheet HTML 6Page - Maxim Integrated Products MAX1806 Datasheet HTML 7Page - Maxim Integrated Products MAX1806 Datasheet HTML 8Page - Maxim Integrated Products MAX1806 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
500mA, Low-Voltage Linear Regulator in µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT(SETPOINT) + 500mV or VIN = +2.25V whichever is greater, SET = GND, SHDN = IN, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(SETPOINT) + 500mV or VIN = +2.25V whichever is greater, SET = GND, SHDN = IN, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.25
5.5
V
Input Undervoltage Lockout
VUVLO
Rising, 40mV hysteresis
1.85
2.15
V
Output Voltage Accuracy
(Preset Mode)
VOUT
IOUT = 1mA to 500mA
-4
+4
%
Adjustable Output Voltage
0.8
4.5
V
SET Voltage Threshold
(Adjustable Mode)
VSET
IOUT = 1mA to 500mA
766
834
mV
Maximum Output Current
IOUT
500
mARMS
Short-Circuit Current Limit
ILIM
VOUT = 0V
700
2500
mA
SET Dual ModeThreshold
35
125
mV
SET Input Bias Current
ISET
VSET = +0.8V
-100
+100
nA
Ground-Pin Current
IQ
IOUT = 1mA
400
µA
VOUT = +2.25V
259
384
VOUT = +2.8V
201
315
Dropout Voltage (Note 1)
IOUT = 500mA
VOUT = +4.0V
147
255
mV
Line Regulation
∆VLNR
VIN from (VOUT + 100mV) to 5.5V, ILOAD = 5mA
-0.175
+0.175
%/V
Load Regulation
∆VLDR
IOUT = 1mA to 500mA
35
ppm/mA
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN = GND, VIN = 5.5V
5
µA
VIH
2.5V < VIN < 5.5V
1.6
SHDN Input Threshold
VIL
2.5V < VIN < 5.5V
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = GND or IN
100
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-OK
POK Output Low Voltage
VOL
Sinking 2mA
5
50
mV
Operating Voltage Range for
Valid POK Output
Sinking 100µA
1.0
5.5
V
Output High-Leakage Current
VPOK = +5.5V
100
nA
Threshold
Rising edge, referred to VOUT(NOMINAL)
90
93
96
%
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
170
°C
Thermal Shutdown Hysteresis
∆TSHDN
20
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MAX1935 500mA Low-Voltage Linear Regulator in Tiny QFN 1  2  3  4  5  More Maxim Integrated Products
SI3018 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
AIC1733 500mA Low Dropout Linear Regulator with Shutdown 1  2  3  4  5  More Analog Intergrations Corporation
SI3025 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
APL1088 500mA Low Dropout Linear Regulator 1  2  3  4  5  More Anpec Electronics Coropration
APL5885 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 1  2  3  4  5  More Anpec Electronics Coropration
MAX8737 Dual Low-Voltage Linear Regulator Controllers with External MOSFETs 1  2  3  4  5  More Maxim Integrated Products
SP6231 500mA 3.3V Linear Regulator with Auxiliary Backup 1  2  3  4  5  More Sipex Corporation
SI-3025LSA LOW-VOLTAGE HIGH-CURRENT 2.5 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
SI-3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn