Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX1806 Fiches technique(PDF) 2 Page - Maxim Integrated Products

No de pièce MAX1806
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806 Fiches technique(HTML) 2 Page - Maxim Integrated Products

  MAX1806 Datasheet HTML 1Page - Maxim Integrated Products MAX1806 Datasheet HTML 2Page - Maxim Integrated Products MAX1806 Datasheet HTML 3Page - Maxim Integrated Products MAX1806 Datasheet HTML 4Page - Maxim Integrated Products MAX1806 Datasheet HTML 5Page - Maxim Integrated Products MAX1806 Datasheet HTML 6Page - Maxim Integrated Products MAX1806 Datasheet HTML 7Page - Maxim Integrated Products MAX1806 Datasheet HTML 8Page - Maxim Integrated Products MAX1806 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
500mA, Low-Voltage Linear Regulator in µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(SETPOINT) + 500mV or VIN = +2.25V whichever is greater, SET = GND, SHDN = IN, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, POK, SET to GND ...................................-0.3V to +6V
OUT to GND ................................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin Power-µMAX (derate 17mW/°C above +70°C) .......1.3W
Operating Temperature .......................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.25
5.5
V
Input Undervoltage Lockout
VUVLO
Rising, 40mV hysteresis
1.85
2.0
2.15
V
TA = +85
°C, IOUT = 100mA
-1
+1
TA = +85
°C, IOUT = 1mA to 500mA
-1.5
+1.5
Output Voltage Accuracy
(Preset Mode)
VOUT
TA = 0
°C to +85°C, IOUT = 1mA to 500mA,
VIN > VOUT + 0.5V
-3
+3
%
Adjustable Output Voltage
0.8
4.5
V
TA = +85
°C, IOUT = 100mA
790
810
TA = +85
°C, IOUT = 1mA to 500mA
786
814
SET Voltage Threshold
(Adjustable Mode)
VSET
TA = 0
°C to +85°C, IOUT = 1mA to 500mA,
VIN > VOUT + 0.5V
774
800
826
mV
Maximum Output Current
IOUT
500
mARMS
Short-Circuit Current Limit
ILIM
VOUT = 0V
700
1400
2300
mA
SET Dual ModeThreshold
35
80
125
mV
SET Input Bias Current
ISET
VSET = +0.8V
-100
+100
nA
IOUT = 1mA
210
400
Ground-Pin Current
IQ
IOUT = 500mA
575
µA
VOUT = +2.25V
259
384
VOUT = +2.8V
201
315
Dropout Voltage (Note 1)
IOUT = 500mA
VOUT = +4.0V
147
255
mV
Line Regulation
∆VLNR
VIN from (VOUT + 100mV) to 5.5V, ILOAD = 5mA
0
0.125
%/V
Load Regulation
∆VLDR
IOUT = 1mA to 500mA
15.5
35
ppm/mA
Output Voltage Noise
10Hz to 1MHz, COUT = 10µF (ESR < 0.1
Ω)
300
µVRMS
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN = GND, VIN = 5.5V
0.02
5
µA
VIH
1.6
SHDN Input Threshold
VIL
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = GND or IN
10
100
nA
Startup Time
TSTART
COUT = 10µF, time from SHDN high to POK high40
µs
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MAX1935 500mA Low-Voltage Linear Regulator in Tiny QFN 1  2  3  4  5  More Maxim Integrated Products
SI3018 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
AIC1733 500mA Low Dropout Linear Regulator with Shutdown 1  2  3  4  5  More Analog Intergrations Corporation
SI3025 LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
APL1088 500mA Low Dropout Linear Regulator 1  2  3  4  5  More Anpec Electronics Coropration
APL5885 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 1  2  3  4  5  More Anpec Electronics Coropration
MAX8737 Dual Low-Voltage Linear Regulator Controllers with External MOSFETs 1  2  3  4  5  More Maxim Integrated Products
SP6231 500mA 3.3V Linear Regulator with Auxiliary Backup 1  2  3  4  5  More Sipex Corporation
SI-3025LSA LOW-VOLTAGE HIGH-CURRENT 2.5 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
SI-3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn