Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33989 Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC33989
Description  System Basis Chip with High Speed CAN Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989 Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC33989 Datasheet HTML 3Page - Motorola, Inc MC33989 Datasheet HTML 4Page - Motorola, Inc MC33989 Datasheet HTML 5Page - Motorola, Inc MC33989 Datasheet HTML 6Page - Motorola, Inc MC33989 Datasheet HTML 7Page - Motorola, Inc MC33989 Datasheet HTML 8Page - Motorola, Inc MC33989 Datasheet HTML 9Page - Motorola, Inc MC33989 Datasheet HTML 10Page - Motorola, Inc MC33989 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MC33989
7
MC33989
Figure 2. SPI Timing characteristic
Note:
Incomming data at MOSI pin is sampled by the SBC at SCLK falling edge.
Outcoming data at MISO pin is set by the SBC at SCLK rising edge (after Tvalid delay time).
Delay between CSB wake up (CSB low
to high) and SBC normal request mode
(Vdd1 on & reset high)
Tw-csb
15
40
90
us
SBC in stop mode
Delay between CSB wake up (CSB low
to high) and first accepted SPI command
Tw-spi
90
N/A
us
SBC in stop mode
Delay between INT pulse and 1st SPi
command accepted
Ts-1stspi
20
N/A
us
In stop mode after wake up
(Vsup From 5.5V to 18V and Tamb -40°C to 125°C)
For all pins except CANH, CANL, Tx and Rx which are described in the CAN module section
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Di 0
Do 0
Undefined
Don’t Care
Di 8
Don’t Care
Tlead
Tsih
Tsisu
Tlag
Tpclk
Twclkh
Twclkl
Tvalid
Do 8
Tsodis
CSB
SCLK
MOSI
MISO
Tsoen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC33989

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989D MOTOROLA-MC33989D Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

Description similaire - MC33989

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com