Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCX028BMT Fiches technique(PDF) 9 Page - Sony Corporation

No de pièce LCX028BMT
Description  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028BMT Fiches technique(HTML) 9 Page - Sony Corporation

Back Button LCX028BMT Datasheet HTML 5Page - Sony Corporation LCX028BMT Datasheet HTML 6Page - Sony Corporation LCX028BMT Datasheet HTML 7Page - Sony Corporation LCX028BMT Datasheet HTML 8Page - Sony Corporation LCX028BMT Datasheet HTML 9Page - Sony Corporation LCX028BMT Datasheet HTML 10Page - Sony Corporation LCX028BMT Datasheet HTML 11Page - Sony Corporation LCX028BMT Datasheet HTML 12Page - Sony Corporation LCX028BMT Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
– 9 –
LCX028BMT
∗8 Definitions: The right-pointing arrow (
) means +.
The left-pointing arrow (
) means –.
The black dot at an arrow (
) indicates the start of measurement.
<Horizontal Shift Register Driving Waveform>
Hst rise time
HST
HCK
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗5
Hckn fall time∗5
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
Item
Symbol
Waveform
Conditions
90%
10%
10%
90%
Hst
trHst
tfHst
50%
50%
8
Hst
Hck1
tdHst
thHst
50%
50%
5
Hckn
10%
10%
90%
90%
trHckn
tfHckn
50%
50%
8
Hck1
to2Hck
to1Hck
50%
50%
Hck2


Numéro de pièce similaire - LCX028BMT

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Description similaire - LCX028BMT

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com