Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1234T Datasheet(Fiches technique) 2 Page - KEC(Korea Electronics)

Numéro de pièce KTB1234T
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1234T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1234T Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1234T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 10. 23
2/2
KTB1234T
Revision No : 0
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-1
-2
-3
-4
-5
-20
-40
-60
-80
-100
I =0
µA
-
1µA
-
2µA
-
3µA
-
4µA
-
5µA
-
6µA
-7
µA
B
BASE-EMITTER VOLTAGE V
(V)
-0.6
BE
0
I
- V
C
BE
-0.8
-1.0
-1.2
-1.4
-1.8
-1.6
-40
-80
-120
-160
-200
V
- I
BE(sat)
C
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
COLLECTOR CURRENT I
(mA)
C
V
=-2V
CE
V
=-2V
CE
-1
1K
COLLECTOR CURRENT I
(mA)
-3
-100 -200
C
V
- I
CE(sat)
C
-10
-30
3K
5K
10K
30K
50K
100K
I /I =1000
C
I /I =1000
CB
B
-0.5
-0.3
-50
-0.2
-3
-300
-100
-30
-10
-1
-0.5
-5
-300
-100
-30
-10
-50
-1
-3
Ta=-25 C
Ta=25 C
Ta=75 C
Ta=-25 C
Ta=25 C
Ta=75 C
Ta=75 C
Ta=25 C
Ta=-25 C
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
120
140 160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
MOUNTED ON A
CERAMIC BOARD
(600mm
0.8mm)
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UNR31A1Silicon PNP epitaxial planar transistor 1 2 3 Panasonic Semiconductor
BTA1036S3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTA1759A3High Voltage PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTB1236AL3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTP2907AN3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR530HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
SUR547JEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
CSA733PNP SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 4 Continental Device India Limited
KTA1505SEPITAXIAL PLANAR PNP TRANSISTOR 1 2 KEC(Korea Electronics)
HSB857JPNP EPITAXIAL PLANAR TRANSISTOR 1 2 3 4 Hi-Sincerity Mocroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn