Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3111 Fiches technique(PDF) 17 Page - ON Semiconductor

No de pièce FAN3111
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3111 Fiches technique(HTML) 17 Page - ON Semiconductor

Back Button FAN3111 Datasheet HTML 11Page - ON Semiconductor FAN3111 Datasheet HTML 12Page - ON Semiconductor FAN3111 Datasheet HTML 13Page - ON Semiconductor FAN3111 Datasheet HTML 14Page - ON Semiconductor FAN3111 Datasheet HTML 15Page - ON Semiconductor FAN3111 Datasheet HTML 16Page - ON Semiconductor FAN3111 Datasheet HTML 17Page - ON Semiconductor FAN3111 Datasheet HTML 18Page - ON Semiconductor FAN3111 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111
• Rev. 1.6
16
Table 2. Related Products
Part
Number
Type
Gate
Drive
(10)
(Sink/Src)
Input
Threshold
Logic
Package
FAN3111C
Single 1A +1.1 A /-0.9 A CMOS
Single Channel of Dual-Input/Single-Output
SOT23-5
FAN3111E
Single 1A +1.1 A /-0.9 A External
(11)
Single Non-Inverting Channel with External
Reference
SOT23-5
FAN3100C Single 2A
+2.5A / -1.8A
CMOS
Single Channel of Two-Input/One-Output
SOT23-5, MLP6
FAN3100T
Single 2A
+2.5A / -1.8A
TTL
Single Channel of Two-Input/One-Output
SOT23-5, MLP6
FAN3226C Dual 2A
+2.4A / -1.6A
CMOS
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3226T
Dual 2A
+2.4A / -1.6A
TTL
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3227C Dual 2A
+2.4A / -1.6A
CMOS
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3227T
Dual 2A
+2.4A / -1.6A
TTL
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3228C Dual 2A
+2.4A / -1.6A
CMOS
Dual Channels of Two-Input/One-Output, Pin Config.1
SOIC8, MLP8
FAN3228T
Dual 2A
+2.4A / -1.6A
TTL
Dual Channels of Two-Input/One-Output, Pin Config.1
SOIC8, MLP8
FAN3229C Dual 2A
+2.4A / -1.6A
CMOS
Dual Channels of Two-Input/One-Output, Pin Config.2
SOIC8, MLP8
FAN3229T
Dual 2A
+2.4A / -1.6A
TTL
Dual Channels of Two-Input/One-Output, Pin Config.2
SOIC8, MLP8
FAN3268T
Dual 2A
+2.4A / -1.6A
TTL
18V Half-Bridge Driver: Non-Inverting Channel (NMOS)
and Inverting Channel (PMOS) + Dual Enables
SOIC8
FAN3223C Dual 4A
+4.3A / -2.8A
CMOS
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3223T
Dual 4A
+4.3A / -2.8A
TTL
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3224C Dual 4A
+4.3A / -2.8A
CMOS
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3224T
Dual 4A
+4.3A / -2.8A
TTL
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
FAN3225C Dual 4A
+4.3A / -2.8A
CMOS
Dual Channels of Two-Input/One-Output
SOIC8, MLP8
FAN3225T
Dual 4A
+4.3A / -2.8A
TTL
Dual Channels of Two-Input/One-Output
SOIC8, MLP8
FAN3121C Single 9A
+9.7A / -7.1A
CMOS
Single Inverting Channel + Enable
SOIC8, MLP8
FAN3121T
Single 9A
+9.7A / -7.1A
TTL
Single Inverting Channel + Enable
SOIC8, MLP8
FAN3122T
Single 9A
+9.7A / -7.1A
CMOS
Single Non-Inverting Channel + Enable
SOIC8, MLP8
FAN3122C Single 9A
+9.7A / -7.1A
TTL
Single Non-Inverting Channel + Enable
SOIC8, MLP8
Notes:
10. Typical currents with OUT at 6V and VDD = 12V.
11. Thresholds proportional to an externally supplied reference voltage.


Numéro de pièce similaire - FAN3111

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3111

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com