Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS50025-1TAD Fiches technique(PDF) 35 Page - Infineon Technologies AG

No de pièce BTS50025-1TAD
Description  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50025-1TAD Fiches technique(HTML) 35 Page - Infineon Technologies AG

Back Button BTS50025-1TAD Datasheet HTML 31Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 32Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 33Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 34Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 35Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 36Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 37Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 38Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Data Sheet
35
Rev. 1.1
2017-03-30
BTS50025-1TAD
Smart High-Side Power Switch
Electrical Characteristics BTS50025-1TAD
6
Electrical Characteristics BTS50025-1TAD
6.1
Electrical Characteristics Table
Table 6
Electrical Characteristics: BTS50025-1TAD
VS = 8 V to 18 V, TJ = -40°C to +150°C (unless otherwise specified)
For a given temperature or voltage range, typical values are specified at VS = 13.5 V, TJ = 25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Operating and Standby Currents
Operating Current (Channel
Active)
IGND(ACTIVE)
–1.2
3
mA
VIN ≥ 2.2 V
P_6.1.1
Standby Current for Whole
Device with Load
IVS(OFF)
–7
18
µA
1)VS =18 V
VOUT =0 V
VIN ≤ 0.8 V
TJ ≤ 85°C
See Page 41
P_6.1.2
Maximum Standby Current
for Whole Device with Load
IVS(OFF)
–18
85
µA
VS =18 V
VOUT =0 V
VIN ≤ 0.8 V
TJ ≤ 150°C
See Page 41
P_6.1.3
Power Stage
ON-State Resistance in
Forward Condition
RDS(ON)
–3.9
5
mΩ
IL =70 A
VIN ≥ 2.2 V
TJ = 150°C
See Page 42
P_6.1.4
ON-State Resistance in
Forward Condition, Low
Battery Voltage
RDS(ON)
–5
8
mΩ
IL =10 A
VIN ≥ 2.2 V
VS =5.5 V
TJ = 150°C
See Page 42
P_6.1.5
ON-State Resistance in
Forward Condition
RDS(ON)
–2.5
–mΩ
1)IL =70 A
VIN ≥ 2.2 V
TJ = 25°C
See Page 42
P_6.1.6
ON-State Resistance in
Inverse Condition
RDS(INV)
–3.5
5.5
mΩ
IL =-70 A
VIN ≥ 2.2 V
TJ = 150°C
See Figure 12
P_6.1.7
ON-State Resistance in
Inverse Condition
RDS(INV)
–2.5
–mΩ
1)IL =-70 A
VIN ≥ 2.2 V
TJ = 25°C
See Figure 12
P_6.1.8


Numéro de pièce similaire - BTS50025-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

Description similaire - BTS50025-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com