Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS50020-1TAD Fiches technique(PDF) 10 Page - Infineon Technologies AG

No de pièce BTS50020-1TAD
Description  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD Fiches technique(HTML) 10 Page - Infineon Technologies AG

Back Button BTS50020-1TAD Datasheet HTML 6Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 7Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 8Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 9Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 10Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 11Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 12Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 13Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Data Sheet
10
Rev. 1.1
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 2
Absolute Maximum Ratings1)
TJ = -40°C to +150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltages
Supply Voltage
VS
-0.3
28
V
P_4.1.1
Reverse Polarity Voltage
-VS(REV)
0–
16
V
2)t <2 min
TA = 25°C
RL ≥ 0.5 Ω
P_4.1.2
Load Dump Voltage
VBAT(LD)
––45
V
3) RI =2 Ω
RL =2.2 Ω
RIS =1 kΩ
RIN =4.7 kΩ
P_4.1.5
Short Circuit Capability
Supply Voltage for Short Circuit
Protection
VS(SC)
5–
20
V
4)RECU =20mΩ
LECU =1 µH
Rcable =6 mΩ/m
Lcable =1 µH/m
l =0 to 5m
R, C as shown in
Figure 31
See Chapter 5.3
P_4.1.3
Short Circuit is Permanent: IN
Pin Toggles Short Circuit (SC
type 1)
nRSC1
––1 million
(Grade A)
5)
P_4.1.4
GND Pin
Current through GND pin
IGND
-15
6)
107)
15
mA
t ≤ 2min
P_4.1.6
Input Pin
Voltage at IN pin
VIN
-0.3
VS
V–
P_4.1.7
Current through IN pin
IIN
-5
-5
5
506)
mA
t ≤ 2min
P_4.1.8
Maximum Retry Cycle Rate in
Fault Condition
ffault
––1
Hz
P_4.1.9


Numéro de pièce similaire - BTS50020-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

Description similaire - BTS50020-1TAD

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com