Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM8073 Fiches technique(PDF) 9 Page - Linear Technology

No de pièce LTM8073
Description  60VIN, 3A Silent Switcher 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM8073 Fiches technique(HTML) 9 Page - Linear Technology

Back Button LTM8073 Datasheet HTML 5Page - Linear Technology LTM8073 Datasheet HTML 6Page - Linear Technology LTM8073 Datasheet HTML 7Page - Linear Technology LTM8073 Datasheet HTML 8Page - Linear Technology LTM8073 Datasheet HTML 9Page - Linear Technology LTM8073 Datasheet HTML 10Page - Linear Technology LTM8073 Datasheet HTML 11Page - Linear Technology LTM8073 Datasheet HTML 12Page - Linear Technology LTM8073 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTM8073
9
8073fa
For more information www.linear.com/LTM8073
Typical perForMance characTerisTics
Derating, VOUT = 5V, BIAS = 5V,
DC2389A Demo Board
Derating, VOUT = 8V, BIAS = 5V,
DC2389A Demo Board
Derating, VOUT = 15V, BIAS = 5V,
DC2389A Demo Board
Derating, VOUT = –3.3V,
BIAS Tied to LTM8073 GND,
DC2389A Demo Board
Derating, VOUT = 12V, BIAS = 5V,
DC2389A Demo Board
TA = 25°C, unless otherwise noted.
0 LFM
0
25
50
75
100
125
0
1
2
3
4
5
8073 G46
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
8073 G47
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
0 LFM
0
25
50
75
100
125
0
1
2
3
4
8073 G48
AMBIENT TEMPERATURE (°C)
24VIN
36VIN
48VIN
0 LFM
0
25
50
75
100
125
0
1
2
3
4
8073 G49
AMBIENT TEMPERATURE (°C)
24VIN
36VIN
48VIN
0 LFM
0
25
50
75
100
125
0
1
2
3
4
8073 G50
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
Derating, VOUT = –5V,
BIAS Tied to LTM8073 GND,
DC2389A Demo Board
0 LFM
0
25
50
75
100
125
0
1
2
3
8073 G51
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
Derating, I-Grade VOUT = –8V,
BIAS Tied to LTM8073 GND,
DC2389A Demo Board
0 LFM
0
25
50
75
100
125
0
1
2
3
8073 G52
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
Derating, I-Grade VOUT = –12V,
BIAS Tied to LTM8073 GND,
DC2389A Demo Board
0 LFM
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
8073 G53
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
48VIN
Derating, I-Grade VOUT = –15V,
BIAS Tied to LTM8073 GND,
DC2389A Demo Board
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
8073 G54
12VIN
24VIN
36VIN


Numéro de pièce similaire - LTM8073

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8073 LINER-LTM8073 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM8073 AD-LTM8073 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8073 AD-LTM8073 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
LTM8073 AD-LTM8073 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
More results

Description similaire - LTM8073

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Analog Devices
LT8386 AD-LT8386 Datasheet
2Mb / 28P
   60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com