Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM8056 Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LTM8056
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Fiches technique(HTML) 6 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 2Page - Linear Technology LTM8056 Datasheet HTML 3Page - Linear Technology LTM8056 Datasheet HTML 4Page - Linear Technology LTM8056 Datasheet HTML 5Page - Linear Technology LTM8056 Datasheet HTML 6Page - Linear Technology LTM8056 Datasheet HTML 7Page - Linear Technology LTM8056 Datasheet HTML 8Page - Linear Technology LTM8056 Datasheet HTML 9Page - Linear Technology LTM8056 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8056
6
8056fa
For more information www.linear.com/LTM8056
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs Output
Current (8VOUT)
Temperature Rise vs Output
Current (12VOUT)
Temperature Rise vs Output
Current (18VOUT)
Temperature Rise vs Output
Current (24VOUT)
Temperature Rise vs Output
Current (36VOUT)
Temperature Rise vs Output
Current (48VOUT)
Maximum Output Current vs VIN
Temperature Rise vs Output
Current (3.3VOUT)
Temperature Rise vs Output
Current (5VOUT)
TA = 25°C, unless otherwise noted.
VIN (V)
6
4
2
0
8056 G19
20
30
40
50
0
10
36VOUT
48VOUT
OUTPUT CURRENT (A)
80
60
40
20
0
8056 G20
6
0
2
4
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G21
6
0
2
4
5VIN
12VIN
22VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G22
4
6
0
2
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G23
4
6
0
2
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G24
6
0
2
4
6VIN
12VIN
24VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G25
6
0
2
4
7VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G26
6
0
2
4
9VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G27
4
0
1
2
3
13VIN
24VIN
36VIN
48VIN


Numéro de pièce similaire - LTM8056

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTM8056 AD-LTM8056 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Description similaire - LTM8056

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
   58VIN, 48VOUT Buck-Boost Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com