Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4376A Fiches technique(PDF) 49 Page - Asahi Kasei Microsystems

No de pièce AK4376A
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Fiches technique(HTML) 49 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 45Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 46Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 47Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 48Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 49Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 50Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 51Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 52Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 53Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 49 -
Power-up & Operation Mode
Power Down State (PDN pin
= “L”)
When the PDN pin is “L”, the AK4376A is in a power-down state. Power supplies must be applied
when the PDN pin = “L”. Set the PDN pin to “H” to release the power-down state after all the power
supplies are on. More than o
ne tPDN cycle of “L” period is needed before releasing the
power-down state. The state of the AK4376A transitions to LDO2 Ctrl state by bringing the PDN
pin to “H”.
LDO2 Ctrl State
This is a state to control the LDO2.
LDO2 is powered up and the internal
DRSTN signal is changed from “L” to “H” after max. 1 ms,
and the AK4376A enters a Standby state.
Standby State
I
2C interface is powered up and register accesses are enabled.
*10ms (min.) wait time for power-up of analog circuit blocks (CP1, CP2, LDO1P, LDO1N, DAC,
HP-Amp and PLL) is needed after setting the PDN pin to
”H” to release the power-down state.
<State Transition Diagram>
Figure 20. Device State Diagram
1. PDN pin
“L” → “H”
2. Wait 1 ms until LDO2 1.2V output is stable.
3. Internal DRSTN Signal:
“L” → “H”
4. Register Access Ready
Power
Down
LDO2
Ctrl
 1 ms
Standby
+
V
PDN pin =
“H”
PDN pin =
“L”
No
DRSTN
Yes


Numéro de pièce similaire - AK4376A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Description similaire - AK4376A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com