Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4376A Fiches technique(PDF) 20 Page - Asahi Kasei Microsystems

No de pièce AK4376A
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Fiches technique(HTML) 20 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 16Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 17Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 18Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 19Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 20Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 21Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 22Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 23Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 24Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 20 -
DAC Short Delay Sharp Roll-Off Filter (fs = 192 kHz)
(Ta =
40 to 85C; AVDD = CVDD = LVDD = 1.7 to 1.9 V; TVDD = 1.65 to 3.6 V; fs = 192 kHz; DASD bit
=
“1”, DASL bit = “0”)
Parameter
Symbol
Min.
Typ.
Max.
Unit
DAC Digital Filter (LPF):
Passband
−0.001 to +0.135 dB
PB
0
-
88.8
kHz
(Note 49)
6.0 dB
-
96.57
-
kHz
Stopband (Note 49)
SB
105
-
-
kHz
Passband Ripple
PR
0.001
-
+0.135
dB
Stopband Attenuation (Note 50)
SA
56.4
-
-
dB
Group Delay (Note 51)
GD
-
5.5
-
1/fs
DAC Digital Filter (LPF) + DACANA (Headphone-Amp) @ High performance mode :
Frequency Response: 0 to 80.0 kHz
FR
3.00
-
+0.36
dB
DAC Digital Filter (LPF) + DACANA (Headphone-Amp) @ Low power mode :
Frequency Response: 0 to 80.0 kHz
FR
6.52
-
+0.35
dB
Note 49. The passband and stopband frequencies scale with fs (system sampling rate).
PB = 0.4625
 fs (@−0.001/+0.135 dB), SB = 0.5469  fs. Each frequency response refers to
that of 1 kHz.
Note 50. The bandwidth of the stopband attenuation value is from stopband to fs (system sampling rate).
Note 51. The calculated delay time is resulting from digital filtering. This is the time from the input of MSB
for Lch of SDATA to the output of an analog signal. The error of the delay at audio interface is
within +1 [1/fs].


Numéro de pièce similaire - AK4376A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Description similaire - AK4376A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com