Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4133 Fiches technique(PDF) 10 Page - Asahi Kasei Microsystems

No de pièce AK4133
Description  192kHz 24bit Sample Rate Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4133 Fiches technique(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4133 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
[AK4133]
015015325-E-02
2018/05
- 10 -
12. Switching Characteristics
Clock
(Ta= -40
 105ºC; DVDD= 3.0  3.6V at VSEL pin= “L” or DVDD= VD18= 1.7  1.9V at VSEL pin= “H”;
CL= 20pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Master Clock Input (OMCLK)
128 FSO:
Frequency
Pulse Width Low
Pulse Width High
256 FSO:
Frequency
Pulse Width Low
Pulse Width High
512 FSO:
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
1.024
80
80
2.048
40
40
4.096
20
20
-
-
-
-
-
-
-
-
-
6.144
-
-
12.288
-
-
24.576
-
-
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
Channel Clock for Input Port (ILRCK)
Frequency
Normal speed Mode
Double speed Mode
Quad speed Mode
Duty Cycle
FSIN
FSID
FSIQ
dILRCK
8
54
108
48
-
-
-
50
54
108
192
52
kHz
kHz
kHz
%
Channel Clock for Output Port (OLRCK)
Slave Mode
Frequency
(FSI: 8kHz~192kHz)
Frequency
(FSI: 8kHz, 16kHz, 24kHz)
Duty Cycle
Master Mode
Frequency
(FSI: 8kHz~192kHz)
Frequency
(FSI: 8kHz, 16kHz, 24kHz)
Duty Cycle
FSO
FSO
dOLRCK
FSO
FSO
dOLRCK
44.1
8
48
44.1
8
-
-
-
50
-
-
50
48
24
52
48
24
-
kHz
kHz
%
kHz
kHz
%


Numéro de pièce similaire - AK4133

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
More results

Description similaire - AK4133

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Asahi Kasei Microsystem...
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com