Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS74108J-12 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce GS74108J-12
Description  512K x 8 4Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GS74108J-12 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  GS74108J-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS74108J-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev: 1.06 7/2000
4/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74108TP/J
Note:
1. Input overshoot voltage should be less than VDD+2V and not exceed 20ns.
2. Input undershoot voltage should be greater than -2V and not exceed 20ns.
Notes:
1. Tested at TA=25°C, f=1MHz
2. These parameters are sampled and are not 100% tested
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -10/12/15
VDD
3.0
3.3
3.6
V
Supply Voltage for -8
VDD
3.135
3.3
3.6
V
Input High Voltage
VIH
2.0
-
VDD+0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
-
70
oC
Ambient Temperature,
Industrial Range
TAI
-40
-
85
oC
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
CIN
VIN=0V
5
pF
Output Capacitance
COUT
VOUT=0V
7
pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
-1uA
1uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
-1uA
1uA
Output High Voltage
VOH
IOH = - 4mA
2.4
Output Low Voltage
VOL
ILO = + 4mA
0.4V


Numéro de pièce similaire - GS74108J-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74108AGJ-10 GSI-GS74108AGJ-10 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-10I GSI-GS74108AGJ-10I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12 GSI-GS74108AGJ-12 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12I GSI-GS74108AGJ-12I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-8 GSI-GS74108AGJ-8 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
More results

Description similaire - GS74108J-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com