Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMS6366 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FMS6366
Description  Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6366 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FMS6366 Datasheet HTML 1Page - Fairchild Semiconductor FMS6366 Datasheet HTML 2Page - Fairchild Semiconductor FMS6366 Datasheet HTML 3Page - Fairchild Semiconductor FMS6366 Datasheet HTML 4Page - Fairchild Semiconductor FMS6366 Datasheet HTML 5Page - Fairchild Semiconductor FMS6366 Datasheet HTML 6Page - Fairchild Semiconductor FMS6366 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. 1B September 17, 2004
www.fairchildsemi.com
Y1OUT
INA/N_INB
Y1INA
Y1INB
Pb
INA
PbOUT
PrINA
PrOUT
HD/N_SD
8MHz, 30MHz
4MHz, 15MHz
Pb
INB
PrINB
4MHz, 15MHz
6dB
6dB
6dB
YC/N_AUX
Y2
IN
Y2OUT
CIN
COUT
AUX
IN
0.5V
(Internal)
6dB
6dB
8MHz
CVOUT
8MHz
Features
• Pin-compatible version of the FMS6419 for 4:2:2 video
• Requires external delay compensation
• 6th order Standard / High Definition video filters
• YPbPr 4:2:2 filters (8/30MHz : 4/15MHz : 4/15MHz)
• YC Standard Definition filters (8MHz)
• Composite summer output
• DC-coupled inputs, AC-coupled outputs
• Outputs provide 6dB gain to 150
Ω AC-coupled loads
• Dual multiplexed inputs
• 0.3% differential gain with 0.1° differential phase
• 5V only
• Lead free (Pb-free) packaging
Applications
• Cable Set top boxes
• Satellite Set top boxes
•DVD players
• HDTV
• Personal Video Recorders (PVR)
•Video On Demand (VOD)
Description
The FMS6366 Filter Driver offers comprehensive filtering
for set top box or DVD applications. This part consists of
triple 6th order filters with selectable cutoffs for SD or HD.
The filters are in a 4:2:2 configuration such that Y1 switches
between 8MHz (SD) and 30MHz (HD). The Pb and Pr
channels switch between 4MHz (SD) and 15MHz (HD).
The required delay compensation must be performed in the
digital domain prior to filtering by the FMS6366.
An additional S-video path is provided for SD signals. The
Y2 and C signals are both filtered at 8MHz. A composite
summer is included to provide a composite output based on
Y2 and C.
A 2:1 multiplexer is provided on each filter channel with
separate select lines for the YPbPr and YC signals.
All inputs accept DC-coupled ground referenced 1Vpp input
signals. The filter outputs include +6dB of gain resulting in a
2Vpp signal into an AC-coupled dual video load (75
Ω).
FMS6366
Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
with Y, C and Composite Outputs
Functional Block Diagram


Numéro de pièce similaire - FMS6366

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
FMS6366MSA28 FAIRCHILD-FMS6366MSA28 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
FMS6366MSA28X FAIRCHILD-FMS6366MSA28X Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
FMS6366 FAIRCHILD-FMS6366_05 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
More results

Description similaire - FMS6366

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366_05 Datasheet
257Kb / 12P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
logo
Analog Devices
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
   Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
REV. B
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
logo
List of Unclassifed Man...
SPT9400 ETC1-SPT9400 Datasheet
98Kb / 7P
   TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com