Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

540827042T0 Fiches technique(PDF) 6 Page - Sumida Corporation

No de pièce 540827042T0
Description  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

540827042T0 Fiches technique(HTML) 6 Page - Sumida Corporation

  540827042T0 Datasheet HTML 1Page - Sumida Corporation 540827042T0 Datasheet HTML 2Page - Sumida Corporation 540827042T0 Datasheet HTML 3Page - Sumida Corporation 540827042T0 Datasheet HTML 4Page - Sumida Corporation 540827042T0 Datasheet HTML 5Page - Sumida Corporation 540827042T0 Datasheet HTML 6Page - Sumida Corporation 540827042T0 Datasheet HTML 7Page - Sumida Corporation 540827042T0 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Elektrische Eigenschaften
Baugröße 0805
HR SMT Serie 54X8, 55X8
Electrical Characteristics
Size 0805
HR SMT Series 54X8, 55X8
GüteQüberFrequenzf
Q-Factorvs.Frequencyf
Spule auf Keramikkörper
InduktivitätLüberFrequenzf
InductanceLvs.Frequencyf
Coil on ceramic body
-10
-5
0
5
10
15
20
10
100
1000
10000
f [MHz]
560 nH
270 nH
100 nH
68 nH
39 nH
6,8 nH
2,7 nH
0
20
40
60
80
100
120
10
100
1000
10000
f [MHz]
33 nH
120 nH
390 nH
68 nH
1.5 nH
-119-


Numéro de pièce similaire - 540827042T0

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
5408270400 SUMIDA-5408270400 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270403 SUMIDA-5408270403 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270405 SUMIDA-5408270405 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

Description similaire - 540827042T0

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
54X6 SUMIDA-54X6 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5206 SUMIDA-5206 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com