Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5408270205 Fiches technique(PDF) 7 Page - Sumida Corporation

No de pièce 5408270205
Description  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

5408270205 Fiches technique(HTML) 7 Page - Sumida Corporation

  5408270205 Datasheet HTML 1Page - Sumida Corporation 5408270205 Datasheet HTML 2Page - Sumida Corporation 5408270205 Datasheet HTML 3Page - Sumida Corporation 5408270205 Datasheet HTML 4Page - Sumida Corporation 5408270205 Datasheet HTML 5Page - Sumida Corporation 5408270205 Datasheet HTML 6Page - Sumida Corporation 5408270205 Datasheet HTML 7Page - Sumida Corporation 5408270205 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Elektrische Eigenschaften
Baugröße 0805 / Series 5408, 5508
drahtgewickelt
Electrical Characteristics
Size 0805 / Series 5408, 5508
wire-wound
Spule auf Ferritkörper
Coil on ferrite body
Güte Q über Frequenz f
Q-Factor vs. Frequency f
Induktivität L über Frequenz f
Inductance L vs. Frequency f
0
5
10
15
20
25
30
35
40
1
10
100
1000
f [MHz]
4700 nH
2200 nH
1000 nH
680 nH
100
1000
10000
1
10
100
1000
f [MHz]
2700 nH
1800 nH
1000 nH
820 nH
680 nH
- 38 -


Numéro de pièce similaire - 5408270205

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
54082702200 SUMIDA-54082702200 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
54082702203 SUMIDA-54082702203 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
54082702205 SUMIDA-54082702205 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
540827022T0 SUMIDA-540827022T0 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
540827022T3 SUMIDA-540827022T3 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
More results

Description similaire - 5408270205

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com